Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 49Page - National Semiconductor (TI) DP83840A Datasheet HTML 50Page - National Semiconductor (TI) DP83840A Datasheet HTML 51Page - National Semiconductor (TI) DP83840A Datasheet HTML 52Page - National Semiconductor (TI) DP83840A Datasheet HTML 53Page - National Semiconductor (TI) DP83840A Datasheet HTML 54Page - National Semiconductor (TI) DP83840A Datasheet HTML 55Page - National Semiconductor (TI) DP83840A Datasheet HTML 56Page - National Semiconductor (TI) DP83840A Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
4.0 Registers (Continued)
53
National Semiconductor
Version A
6
ALT_CRS
0, RW
ALTERNATE CRS OPERATION: This bit modifies the behavior of the
CRS signal when the DP83840A is configured to Full Duplex mode. The
described functionality allows flexibility for a given MAC’s MII interface
while operating in Full Duplex mode.
1 = During Full Duplex mode CRS is asserted due to transmission and is
not asserted due to reception via RD+/- (in 100 Mb/s mode) or RXI+/- (in
10 Mb/s mode)
0 = During Full Duplex mode, CRS is asserted only due to reception via
RD+/- (in 100 Mb/s mode) or RXI+/- (in 10 Mb/s mode)
5
LBK_XMT_DS
1, RW
100 Mb/s TRANSMIT DISABLE IN LOOPBACK:
1 = Disables 100 Mb/s transmit outputs TD+/- during Loopback
0 = Enables 100 Mb/s transmit outputs TD+/- during Loopback
For Twister Loopback, this bit must be zero for loopback to be
successful. For Phaser loopback (bit 14, BMCR, address 00h), this bit
will determine whether a loopback operation is transmitted onto the
network.
4
CODE_ERR
0, RW
CODE ERRORS:
1 = Forces code errors to be reported with the value 5h on RXD[3:0] and
with RX_ER set to 1
0 = Forces code errors to be reported with the value 6h on RXD[3:0] and
with RX_ER set to 1
3
PE_ERR
0, RW
PREMATURE END ERRORS:
1 =Forces premature end errors to be reported with the value 4h on
RXD[3:0] and with RX_ER set to 1
0 =Forces premature end errors to be reported with the value 6h on
RXD[3:0] and with RX_ER set to 1
Premature end errors are caused by the detection of two IDLE symbols
in the receive data stream prior to the T/R symbol pair denoting end of
stream delimiter.
2
LINK_ERR
0, RW
LINK ERRORS:
1 = Forces link errors to be reported with the value 3h on RXD[3:0] and
with RX_ER set to 1
0 = Data is passed to RXD[3:0] unchanged and with RX_ER set to 0
1
PKT_ERR
0, RW
PACKET ERRORS:
1 = Forces packet errors (722 s timeout) to be reported with the value
2h on RXD[3:0] and with RX_ER set to 1
0 = Data is passed to RXD[3:0] unchanged and with RX_ER set to 0
0
Reserved
0, RW
RESERVED: Write as 0, read as don't care.
4.14 LOOPBACK, BYPASS AND RECEIVER ERROR MASK REGISTER (LBREMR) (Continued)
Address 18h
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com