Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 81Page - National Semiconductor (TI) DP83840A Datasheet HTML 82Page - National Semiconductor (TI) DP83840A Datasheet HTML 83Page - National Semiconductor (TI) DP83840A Datasheet HTML 84Page - National Semiconductor (TI) DP83840A Datasheet HTML 85Page - National Semiconductor (TI) DP83840A Datasheet HTML 86Page - National Semiconductor (TI) DP83840A Datasheet HTML 87Page - National Semiconductor (TI) DP83840A Datasheet HTML 88Page - National Semiconductor (TI) DP83840A Datasheet HTML 89Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
8.0 Electrical Specifications (Continued)
87
Version A
8.10 Loopback Timing
Note 1: The 100BASE-X PMD Loopback option timing is dependent on the external transceiver loopback timing and is therefore not defined herein.
Note 2: The TD+/- outputs of the DP83840A can be enabled or disabled during loopback operation via the LBK_XMT_DS bit (bit 5 of the LBREMR register).
Note 3: Due to the nature of the descrambler function, all 100BASE-X Loopback modes, with the exception of Remote Loopback, will cause an initial “dead-
time” of up to 750
µs during which time no data will be present at the receive MII outputs. The 100BASE-X timing shown here in section 6.3.16 is based on
device delays after the initial 750
µs “dead-time”
Note 4: During 10BASE-T loopback (serial or nibble mode) both the TXU+/- and TXS+/- outputs remain inactive.
8.10.1 10 Mb/s and 100 Mb/s Loopback Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
TX_EN to RX_DV Loopback
100 Mb/s (note 1), (note2), (note3)
240
ns
10 Mb/s serial mode (note 4)
250
ns
10 Mb/s nibble mode (internal loopback)
2
µs
10 Mb/s nibble mode (normal operation)
2
µs
TX_CLK
TX_EN
TXD[3:0]
CRS
RX_CLK
RXD[3:0]
RX_DV
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com