Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 3Page - National Semiconductor (TI) DP83840A Datasheet HTML 4Page - National Semiconductor (TI) DP83840A Datasheet HTML 5Page - National Semiconductor (TI) DP83840A Datasheet HTML 6Page - National Semiconductor (TI) DP83840A Datasheet HTML 7Page - National Semiconductor (TI) DP83840A Datasheet HTML 8Page - National Semiconductor (TI) DP83840A Datasheet HTML 9Page - National Semiconductor (TI) DP83840A Datasheet HTML 10Page - National Semiconductor (TI) DP83840A Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
2.0 Pin Description (Continued)
7
National Semiconductor
Version A
ENCSEL
(PHYAD[1])
I/O, J
53
ENCODE SELECT: Used to select binary or MLT-3 coding scheme in the PMD
transceiver (at the DP83223, logic high selects binary coding scheme and logic low
selects MLT-3 coding scheme).
This is also the PHY address sensing (PHYAD[1]) pin for multiple PHY applications-
-see Section 2.8 for more details.
LBEN
(PHYAD[0])
I/O, J
49
LOOPBACK ENABLE: For 100BASE-TX operation, this pin should be connected
to the Loopback Enable pin of a DP83223 100 Mb/s Transceiver:
1 = local 100BASE-TX transceiver Loopback enabled
0 = local 100BASE-TX transceiver Loopback disabled (normal operation)
This is also the PHY address sensing (PHYAD[0]) pin for multiple PHY applications-
-see Section 2.8 for more details.
This pin has no effect during 10 Mb/s operation.
TD-
TD+
O (ECL)
16
17
TRANSMIT DATA: Differential ECL 125 Mb/s serialized transmit data outputs to
the PMD transceiver (such as the DP83223).
SD-
SD+
I (ECL)
7
8
SIGNAL DETECT: Differential ECL signal detect inputs. Indicates that the PMD
transceiver has detected a receive signal from the twisted pair or fiber media.
RD-
RD+
I (ECL)
6
5
RECEIVE DATA: Differential ECL 125 Mb/s receive data inputs from the PMD
transceiver (such as the DP83223).
2.3 10 Mb/s INTERFACE
Signal Name
Type
Pin #
Description
REQ
I
29
EQUALIZATION RESISTOR: A resistor connected between this pin and GND or
VCC adjusts the equalization step amplitude on the 10BASE-T Manchester
encoded transmit data (TXU+/- or TXS+/-). Typically no resistor is required for
operation with cable lengths less than 100m. Great care must be taken to ensure
system timing integrity when using cable lengths greater than 100m. Refer to the
IEEE 802.3u standard, Clause 29 for more details on system topology issues.
This value must be determined empirically. Refer to section 3.7.8 for further detail.
RTX
I
28
EXTENDED CABLE RESISTOR: A resistor connected between this pin and GND
or VCC adjusts the amplitude of the differential transmit outputs (TXU+/- or TXS+/-
). Typically no resistor is required for operation with cable lengths less than 100m.
Great care must be taken to ensure system timing integrity when using cable
lengths greater than 100m. Refer to the IEEE 802.3u standard, Clause 29 for more
details on system topology issues.
This value must be determined empirically. Refer to section 3.7.8 for further detail.
TXU-
TXU+
O
25
26
UNSHIELDED TWISTED PAIR OUTPUT: This differential output pair sources the
10BASE-T transmit data and link pulses for UTP cable.
TXS-
TXS+
O
23
24
SHIELDED TWISTED PAIR OUTPUT: This differential output pair sources the
10BASE-T transmit data and link pulses for STP cable.
RXI-
RXI+
I
20
21
TWISTED PAIR RECEIVE INPUT: These are the differential 10BASE-T receive
data inputs for either STP or UTP.
2.2 100 Mb/s SERIAL PMD INTERFACE
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com