Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 65Page - National Semiconductor (TI) DP83840A Datasheet HTML 66Page - National Semiconductor (TI) DP83840A Datasheet HTML 67Page - National Semiconductor (TI) DP83840A Datasheet HTML 68Page - National Semiconductor (TI) DP83840A Datasheet HTML 69Page - National Semiconductor (TI) DP83840A Datasheet HTML 70Page - National Semiconductor (TI) DP83840A Datasheet HTML 71Page - National Semiconductor (TI) DP83840A Datasheet HTML 72Page - National Semiconductor (TI) DP83840A Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
7.0 Hardware User Information (Continued)
69
National Semiconductor
Version A
Description:
The DP83840A when in 10 Mb/s Repeater Mode does not
conform to 802.3 IEEE specification for Carrier Sense
(CRS). The specification states that CRS becomes active
whenever the receive input becomes active and in-active
when there is no activity. The DP83840A uses its’ internal
Phase Lock Loop (PLL) to gate CRS. This causes CRS to
glitch when the PLL switches from Receive mode to
Transmit mode and when the PLL switches from Transmit
to Receive mode. The switching of modes is what occurs
during collisions.
Symptoms:
When the part is receiving a packet and then TX_EN is
asserted, CRS will glitch twice, once following the rising
edge of TX_EN and once following the end of RXI+/-. This
is illustrated in Figure 27.
When the part receives a JAM signal that has a
combination of 5 MHz and 10 MHz signals, CRS will glitch.
CRS behaves normally when a 101010... JAM pattern is
received. All repeaters and most MACs send out 101010...
JAM signals, but there are a few MACs that will send out
pseudo-random 5/10 MHz data.
Solution/Workaround:
Putting the part into Full-Duplex mode eliminates the CRS
glitching problem. However, when the part is in Full-Duplex
mode the COL pin (pin 65) will not indicate if collisions
have occurred.
RXI +/-
CRS
TX_EN
FIGURE 27. CRS Glitching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com