Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 12Page - National Semiconductor (TI) DP83840A Datasheet HTML 13Page - National Semiconductor (TI) DP83840A Datasheet HTML 14Page - National Semiconductor (TI) DP83840A Datasheet HTML 15Page - National Semiconductor (TI) DP83840A Datasheet HTML 16Page - National Semiconductor (TI) DP83840A Datasheet HTML 17Page - National Semiconductor (TI) DP83840A Datasheet HTML 18Page - National Semiconductor (TI) DP83840A Datasheet HTML 19Page - National Semiconductor (TI) DP83840A Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
3.0 Functional Description (Continued)
16
National Semiconductor
Version A
5-bit code-groups. The lower significant 4 bits appear on
TXD[3:0] and RXD[3:0] as normal, and the most significant
bits (TXD[4] and RXD[4]) appear on the TX_ER and
RX_ER pins respectively.
3.1.3.2 10 Mb/s Nibble Mode Operation
For 10 Mb/s nibble mode operation, the MII clock rate is 2.5
MHz. The 100BASE-X bypass functions do not apply to 10
Mb/s operation.
3.1.3.3 10 Mb/s Serial Mode Operation
For applications based on serial repeater controllers for 10
Mb/s operation, the DP83840A accepts NRZ serial data on
the TXD[0] input and provides NRZ serial data output on
RXD[0] with a clock rate of 10 MHz. The unused MII inputs
and outputs (TXD[3:1] and RXD[3:1] are ignored during
serial mode. The PCS control signals, CRS, COL, TX_ER,
RX_ER, and RX_DV, continue to function normally.
This mode is selected by setting the 10BT_SER bit in the
10BTSR (bit 9, register address 1Bh). The default value for
this bit is set by the 10BTSER pin 98 at power-up/reset.
3.2 MII SERIAL MANAGEMENT REGISTER
ACCESS
The MII specification defines a set of thirty-two 16-bit
status and control registers that are accessible through the
serial management data interface pins MDC and MDIO.
The DP83840A implements all the required MII registers
as well as several optional registers. These registers are
fully described in Section 4. A description of the serial
management access protocol follows.
3.2.1 Serial Management Access Protocol
The
serial
control
interface
consists
of
two
pins,
Management Data Clock (MDC) and Management Data
Input/Output (MDIO). MDC has a maximum clock rate of
2.5 MHz and no minimum rate. The MDIO line is bi-
directional and may be shared by up to 32 devices. The
MDIO frame format is shown in Table I.
The MDIO pin requires a pull-up resistor (1.5K
Ω) which,
during IDLE and Turnaround, will pull MDIO high. Prior to
initiating any transaction, the station management entity
sends a sequence of 32 contiguous logic ones on MDIO to
provide the DP83840A with a sequence that can be used
to establish synchronization. This preamble may be
generated either by driving MDIO high for 32 consecutive
MDC clock cycles, or by simply allowing the MDIO pull-up
resistor to pull the MDIO PHY pin high during which time
32 MDC clock cycles are provided.
The DP83840A waits until it has received this preamble
sequence before responding to any other transaction.
Once
the
DP83840A
serial
management
port
has
initialized no further preamble sequencing is required until
after a Reset/Power-on has occurred.
The Start code is indicated by a <01> pattern. This assures
the MDIO line transitions from the default idle line state.
Turnaround is an idle bit time inserted between the
Register Address field and the Data field. To avoid
contention, no device actively drives the MDIO signal
during the first bit of Turnaround during a read transaction.
The addressed DP83840A drives the MDIO with a zero for
MDC
MDIO
00 0
11
1100 00000
(STA)
Idle
Start
Opcode
(Read)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
MDIO
(PHY)
Z
Z
Z
0 0 011000100000000 Z
Idle
Z
Z
MDC
MDIO
000
11
1100 00000
(STA)
Idle
Start
Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
0 0 0
0 00
00000000 Z
Idle
10 00
Z
Z
FIGURE 2. Typical MDC/MDIO Read Operation
FIGURE 3. Typical MDC/MDIO Write Operation
Table I.
MII Management
Serial Protocol
<idle><start><op code><device addr> <reg addr><turnaround><data><idle>
Read Operation
<idle><01><10><AAAAA> <RRRRR><Z0><xxxx xxxx xxxx xxxx><idle>
Write Operation
<idle><01><01><AAAAA> <RRRRR><10><xxxx xxxx xxxx xxxx><idle>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com