Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 39Page - National Semiconductor (TI) DP83840A Datasheet HTML 40Page - National Semiconductor (TI) DP83840A Datasheet HTML 41Page - National Semiconductor (TI) DP83840A Datasheet HTML 42Page - National Semiconductor (TI) DP83840A Datasheet HTML 43Page - National Semiconductor (TI) DP83840A Datasheet HTML 44Page - National Semiconductor (TI) DP83840A Datasheet HTML 45Page - National Semiconductor (TI) DP83840A Datasheet HTML 46Page - National Semiconductor (TI) DP83840A Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
4.0 Registers (Continued)
43
National Semiconductor
Version A
4.2 BASIC MODE CONTROL REGISTER (BMCR)
Address 00h
Bit
Bit Name
Default
Description
15
Reset
0, RW/SC
RESET:
1 = Software Reset
0 = Normal Operation
This bit sets the status and control registers of the PHY to their default
states. Setting this bit will also re-latch in all hardware configuration pin
values. This bit, which is self-clearing, returns a value of one until the
reset process is complete. Software should wait 500
µs after device
power on before attempting a software reset. Refer to section 3.10.3 for
further detail.
14
Loopback
0, RW
LOOPBACK:
1 = Loopback Enabled
0 = Normal Operation
The loopback function enables MII transmit data to be routed to the MII
receive data path. When set, this bit enables loopback for either
10BASE-T or 100BASE-X modes of operation.
Setting this bit during 100BASE-TX operation may cause the DP83840A
to enter a 550
µs “dead time” before any valid data transmit or receive
operations can commence.
This bit takes priority over the loopback control bits 8 and 9 in the
LBREMR register (address 18h).
13
Speed Selection
1, RW
SPEED SELECT:
1 = 100 Mb/s
0 = 10 Mb/s
Link speed is selected by this bit or by Auto-Negotiation if bit 12 of this
register is set (in which case, the value of this bit is ignored). The latched-
in state of pins AN0 and AN1 will also effect the state of this bit and take
precedence over the Auto-Negotiation Enable bit 12.
12
Auto-Negotiation
Enable
1, RW
AUTO-NEGOTIATION ENABLE:
1 = Auto-Negotiation Enabled--bits 8 and 13 of this register are ignored
when this bit is set.
0 = Auto-Negotiation Disabled--bits 8 and 13 determine the link speed
and mode.
If the PHY is configured for non-Auto-Negotiation upon power-up/reset
and it is then decided that Auto-Negotiation is to be enabled through
software, this bit must first be cleared and then set in order for it to take
effect. This bit is intended only to control the state of Auto-Negotiation
and should not be regarded as status. Refer to section3.9.2 for further
detail.
11
Reserved
0, RW
RESERVED:
Write as 0, read as don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com