Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 81Page - National Semiconductor (TI) DP83840A Datasheet HTML 82Page - National Semiconductor (TI) DP83840A Datasheet HTML 83Page - National Semiconductor (TI) DP83840A Datasheet HTML 84Page - National Semiconductor (TI) DP83840A Datasheet HTML 85Page - National Semiconductor (TI) DP83840A Datasheet HTML 86Page - National Semiconductor (TI) DP83840A Datasheet HTML 87Page - National Semiconductor (TI) DP83840A Datasheet HTML 88Page - National Semiconductor (TI) DP83840A Datasheet HTML 89Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
8.0 Electrical Specifications (Continued)
86
Version A
8.9 Reset Timing
Note: Software Reset should be initiated no sooner then 500
µs after power-up or the deassertion of hardware reset.
Note: The timing for Hardware Reset Option 2 is equal to parameter T1 plus parameter T2 (501
µs total).
8.9.1 Hardware Reset Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
Internal Reset Time
500
µs
T2
Hardware RESET Pulse Width
1
µs
T3
Post Reset Stabilization time
prior to MDC preamble for
register accesses
MDIO is pulled high for 32 bit serial
management initialization
500
µs
T4
Hardware Configuration Latch-
in Time from the Deassertion of
Reset (either soft or hard)
Hardware Configuration Pins are
described in section 3.10
800
ns
T5
Hardware Configuration pins
transition to output drivers
It is important to choose pull-up and/or
pull-down resistors for each of the
hardware configuration pins that provide
fast RC time constants in order to latch-in
the proper value prior to the pin
transitioning to an output driver
800
ns
T2
T1
Vcc
Hardware
Reset (option #1)
MDC
T3
32 clocks
Latch-In of Hardware
Configuration Pins
T4
Dual Function Pins
Become Enabled As Outputs
input
output
T5
Hardware
Reset (option #2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com