Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 38Page - National Semiconductor (TI) DP83840A Datasheet HTML 39Page - National Semiconductor (TI) DP83840A Datasheet HTML 40Page - National Semiconductor (TI) DP83840A Datasheet HTML 41Page - National Semiconductor (TI) DP83840A Datasheet HTML 42Page - National Semiconductor (TI) DP83840A Datasheet HTML 43Page - National Semiconductor (TI) DP83840A Datasheet HTML 44Page - National Semiconductor (TI) DP83840A Datasheet HTML 45Page - National Semiconductor (TI) DP83840A Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
42
National Semiconductor
Version A
4.0 Registers
The MII supports up to 32 word-wide registers per addressable connected device. The DP83840A's register allocation is
as shown below. Each register is described in the Sections 4.2 to 4.17 that follow. Section 3.2 describes the MII serial
access control method.
Address
Register Name
Description
00h
BMCR
Basic Mode Control Register
01h
BMSR
Basic Mode Status Register
02h
PHYIDR1
PHY Identifier Register #1
03h
PHYIDR2
PHY Identifier Register #2
04h
ANAR
Auto-Negotiation Advertisement Register
05h
ANLPAR
Auto-Negotiation Link Partner Ability Register
06h
ANER
Auto-Negotiation Expansion Register
07h-0Fh
Reserved
Reserved for Future Assignments by the MII Working Group
10h-11h
Reserved
Reserved for PHY Specific Future Assignments by Vendor
12h
DCR
Disconnect Counter Register
13h
FCSCR
False Carrier Sense Counter Register
14h
Reserved
Reserved--Do Not Read/Write to this Register
15h
RECR
Receive Error Counter Register
16h
SRR
Silicon Revision Register
17h
PCR
PCS Sub-Layer Configuration Register
18h
LBREMR
Loopback, Bypass and Receiver Error Mask Register
19h
PAR
PHY Address Register
1Ah
Reserved
Reserved for PHY Specific Future Assignment by Vendor
1Bh
10BTSR
10BASE-T Status Register
1Ch
10BTCR
10BASE-T Configuration Register
1Dh-1Fh
Reserved
Reserved for Future Use--Do Not Read/Write to These Registers
4.1 KEY TO DEFAULTS
In the register descriptions that follow, the default column
takes the form
<reset value>, <access type>/<attribute(s)>
Where:
<reset value>:
1
Bit Set to Logic One
0
Bit Set to Logic Zero
X
No Default Value
(Pin #)
Value Latched in from Pin # at Reset
<access type>:
RO = Read Only
RW = Read/Write
<attribute(s)>:
L = Latching
SC = Self Clearing
P = Value Permanently Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com