Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 8Page - National Semiconductor (TI) DP83840A Datasheet HTML 9Page - National Semiconductor (TI) DP83840A Datasheet HTML 10Page - National Semiconductor (TI) DP83840A Datasheet HTML 11Page - National Semiconductor (TI) DP83840A Datasheet HTML 12Page - National Semiconductor (TI) DP83840A Datasheet HTML 13Page - National Semiconductor (TI) DP83840A Datasheet HTML 14Page - National Semiconductor (TI) DP83840A Datasheet HTML 15Page - National Semiconductor (TI) DP83840A Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
2.0 Pin Description (Continued)
12
National Semiconductor
Version A
2.7 IEEE 1149.1 INTERFACE
The IEEE 1149.1 Standard Test Access Port and Boundary Scan (sometimes referred to as JTAG) interface signals
allow system level boundary scan to be performed. These pins may be left floating when JTAG testing is not required.
Signal Name
Type
Pin #
Description
TDO
O, Z
50
TEST DATA OUTPUT: Serial instruction/test output data for the IEEE 1149.1
scan chain.
If Boundary-Scan is not implemented this pin may be left unconnected (NC).
TDI
I
91
TEST DATA INPUT: Serial instruction/test input data for the IEEE 1149.1 scan
chain.
TRST
I
92
TEST RESET: An asynchronous low going pulse will reset and initialize the IEEE
1149.1 test circuitry.
If Boundary-Scan is not implemented, this pin may be left unconnected (NC) since
it has an internal pull-up resistor (10 k
Ω).
TCLK
I
93
TEST CLOCK: Test clock for the IEEE 1149.1 circuitry.
If Boundary-Scan is not implemented this pin may be left unconnected (NC).
TMS
I
94
TEST MODE SELECT: Control input to the IEEE 1149.1 test circuitry.
If Boundary-Scan is not implemented, this pin may be left unconnected (NC) since
it has an internal pull-up resistor (10 k
Ω).
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com