Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 10Page - National Semiconductor (TI) DP83840A Datasheet HTML 11Page - National Semiconductor (TI) DP83840A Datasheet HTML 12Page - National Semiconductor (TI) DP83840A Datasheet HTML 13Page - National Semiconductor (TI) DP83840A Datasheet HTML 14Page - National Semiconductor (TI) DP83840A Datasheet HTML 15Page - National Semiconductor (TI) DP83840A Datasheet HTML 16Page - National Semiconductor (TI) DP83840A Datasheet HTML 17Page - National Semiconductor (TI) DP83840A Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
14
National Semiconductor
Version A
2.10 POWER AND GROUND PINS
The power (VCC) and ground (GND) pins of the DP83840A are grouped in pairs into four categories--TTL/CMOS Input
pairs, TTL/CMOS Output and I/O pairs, 10 Mb/s pairs and 100 Mb/s pairs. This grouping allows for optimizing the layout
and filtering of the power and ground supplies to this device. Refer to section 5.0 for further detail relating to power
supply filtering.
Signal Name
Pin #
Description
GROUP A - TTL/CMOS INPUT SUPPLY PAIRS
IOVCC1, IOGND1
96, 97
TTL Input/Output Supply #1
IOVCC2, IOGND2
39, 40
TTL Input/Output Supply #2
IOVCC3, IOGND3
51, 52
TTL Input/Output Supply #3
PCSVCC, PCSGND
70, 71
Physical Coding Sublayer Supply
GROUP B- TTL/CMOS OUTPUT AND I/O SUPPLY PAIRS
IOVCC4, IOGND4
59, 60
TTL Input/Output Supply #4
RCLKGND
61
Receive Clock Ground, No paired VCC
IOVCC5, IOGND5
68, 69
TTL Input/Output Supply #5
IOVCC6, IOGND6
79, 80
TTL Input/Output Supply #6
REFVCC, REFGND
84, 85
25 MHz Clock Supply
GROUP C- 10 Mb/s SUPPLY PAIRS
RXVCC, RXGND
18, 19
Receive Section Supply
TDVCC, TDGND
22, 27
Transmit Section Supply
PLLVCC, PLLGND
31, 30
Phase Locked Loop Supply
OVCC, OGND
32, 35
Internal Oscillator Supply
GROUP D- 100 Mb/s SUPPLY PAIRS
ANAVCC, ANAGND
9, 10
Analog Section Supply
CRMVCC, CRMGND
12, 11
Clock Recovery Module Supply
ECLVCC
15
ECL Outputs Supply
CGMVCC, CGMGND
87, 88
Clock Generator Module Supply
2.11 SPECIAL CONNECT PINS
Signal Name
Type
Pin #
Description
NC
13
14
83
NO CONNECT: These pins are reserved for future use. Leave them unconnected
(floating).
RES_0
4
RESERVED_0: These pins are reserved for future use. This pin must be
connected to ground. For future upgradability, connect this pin to GND via a 0
Ω
resistor.
RES_0
J
45
48
90
RESERVED_0: These pins are reserved for future use. These pins must be
connected to ground. For future upgradability, connect these pins to GND via 0
Ω
resistors.
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com