Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 28Page - National Semiconductor (TI) DP83840A Datasheet HTML 29Page - National Semiconductor (TI) DP83840A Datasheet HTML 30Page - National Semiconductor (TI) DP83840A Datasheet HTML 31Page - National Semiconductor (TI) DP83840A Datasheet HTML 32Page - National Semiconductor (TI) DP83840A Datasheet HTML 33Page - National Semiconductor (TI) DP83840A Datasheet HTML 34Page - National Semiconductor (TI) DP83840A Datasheet HTML 35Page - National Semiconductor (TI) DP83840A Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
3.0 Functional Description (Continued)
32
National Semiconductor
Version A
The Manchester encoder accepts NRZ data from the
controller or repeater, encodes the data to Manchester,
and transmits it differentially to the transceiver, through the
differential transmit driver.
The Manchester decoder receives Manchester data from
the transceiver, converts it to NRZ data and recovers clock
pulses for synchronous data transfer to the controller or
repeater.
The collision monitor indicates to the controller the
presence of a valid 10 MHz collision signal.
3.7.13.1 Manchester Encoder and differential driver
The encoder begins operation when the Transmit Enable
input (TX_EN) goes high and converts the NRZ data to
pre-emphasized Manchester data for the transceiver. For
the duration of TXE remaining high, the Transmit Data
(TXD) is encoded for the transmit-driver pair (TXU+/- or
TXS+/-). TXD must be valid on the rising edge of Transmit
Clock (TXC). Transmission ends when TX_EN deasserts.
The last transition is always positive; it occurs at the center
of the bit cell if the last bit is a one, or at the end of the bit
cell if the last bit is a zero.
3.7.13.2 Manchester Decoder
The decoder consists of a differential receiver and a PLL to
separate a Manchester encoded data stream into internal
clock signals and data. The differential input must be
externally terminated with either a differential 100
Ω or
differential 150
Ω termination network to accommodate
either UTP or STP cable respectively. Refer to Figure 16
for further detail.
The decoder detects the end of a frame when no more
mid-bit transitions are detected. Within one and a half bit
times after the last bit, carrier sense is de-asserted.
Receive clock stays active for five more bit times after CRS
goes low, to guarantee the receive timings of the controller
or repeater.
3.7.14 REQ and RTX
These pins allow for the direct control of both the pre-
emphasis (REQ) and the transmit amplitude (RTX) of the
10BASE-T transmit signal. These pins should normally be
left floating, however, in applications where lower transmit
amplitudes are required, these pins should be pulled-down
to ground resistively. Conversely, for applications that
require higher transmit amplitudes, these pins should be
pulled-up to Vcc resistively. Figure 16 provides a simplified
functional diagram.
Some experimentation is required in order to fully evaluate
the extent of transmit amplitude (and corresponding pre-
emphasis) variation due to the system to system variations
in external components (e.g. transformers and termination
networks). It is important to use the same resistor value for
both RTX and REQ (pulled to the same rail) in order to
allow the pre-emphasis to track the transmit amplitude.
In general terms, a value of approximately 50K
Ω for these
pins (either pulled-up or pulled-down) will result in a
transmit amplitude (and pre-emphasis) change on the
order
of
5%
to
10%.
Again,
experimentation
is
recommended.
RTX
REQ
Transmit
Amplitude
Control
Transmit
Pre-emphasis
Control
Fixed
Current
Source
Fixed
Current
Source
GND
Vcc
R
R
RR
FIGURE 16. REQ and RTX Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com