Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 74Page - National Semiconductor (TI) DP83840A Datasheet HTML 75Page - National Semiconductor (TI) DP83840A Datasheet HTML 76Page - National Semiconductor (TI) DP83840A Datasheet HTML 77Page - National Semiconductor (TI) DP83840A Datasheet HTML 78Page - National Semiconductor (TI) DP83840A Datasheet HTML 79Page - National Semiconductor (TI) DP83840A Datasheet HTML 80Page - National Semiconductor (TI) DP83840A Datasheet HTML 81Page - National Semiconductor (TI) DP83840A Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
8.0 Electrical Specifications (Continued)
78
Version A
8.5.5 100 Mb/s Receive Packet Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
Carrier Sense on Delay
100 Mb/s Translational mode (Normal)
175
ns
100 Mb/s Transparent mode (BP_4B5B)
175
ns
T2
Receive Data Latency
100 Mb/s Translational mode (Normal)
21
bits
100 Mb/s Transparent mode (BP_4B5B)
21
bits
100 Mb/s Phaser mode (BP_ALIGN)
10
bits
T2
T1
CRS
RXD[3:0]
RD+/-
RX_DV
RX_ER/RXD[4]
(J/K)
IDLE
Data
8.5.6 100 Mb/s Receive Packet Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
Carrier Sense off Delay
100 Mb/s Translational mode (Normal)
135
ns
100 Mb/s Transparent mode (BP_4B5B)
135
ns
T1
CRS
RD+/-
(T/R)
IDLE
Data
Note: Carrier Sense Off Delay is determined by measuring the time from the first bit of the “IDLE” code group to the de-assertion of Carrier Sense.
1 bit time = 10ns in 10 Mb/s mode
Note: Carrier Sense On Delay is determined by measuring the time from the first bit of the “J” code group to the assertion of Carrier Sense.
1 bit time = 10ns in 100 Mb/s mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com