Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 81Page - National Semiconductor (TI) DP83840A Datasheet HTML 82Page - National Semiconductor (TI) DP83840A Datasheet HTML 83Page - National Semiconductor (TI) DP83840A Datasheet HTML 84Page - National Semiconductor (TI) DP83840A Datasheet HTML 85Page - National Semiconductor (TI) DP83840A Datasheet HTML 86Page - National Semiconductor (TI) DP83840A Datasheet HTML 87Page - National Semiconductor (TI) DP83840A Datasheet HTML 88Page - National Semiconductor (TI) DP83840A Datasheet HTML 89Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 89 / 89 page
background image
89
Version A
7.0 Package Specification
LIFE SUPPORT POLICY
NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION. As used herein:
2. A critical component is any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
1. Life support devices or systems we do or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and whose failure
to perform, when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to
the user.
National Semiconductor
Corporation
1111 West Bardin Road
Arlington, TX 76017
Tel: 1(800) 272-9959
Fax: 1(800) 737-7018
National Semiconductor
Corporation
Europe
Fax:(+49) 0-180-530 85 86
Email:cnjwge@tevm2.nsc.com
Duetsch Tel: (+49) 0-180-530 85 86
English Tel: (+49) 0-180-532 78 32
Francais Tel: (+49) 0-180-532 93 58
Italiano Tel: (+49) 0-180-534 16 80
National Semiconductor
Corporation
Japan Ltd.
Tel: 81-043-299-2308
Fax: 81-043-299-2408
National Semiconductor
Corporation
Hong Kong Ltd.
13th Floor, Straight Block,
Ocean Centre, 5 Canton Rd.
Tsimshatsui, Kowloon
Hong Kong
Tel: (852) 2737-1600
Fax: (852) 2736-9960
inches (millimeters)
100-Lead (14mm x 20mm) Molded Plastic Quad Flatpak, JEDEC
Order Number DP83840
NS Package Number VCE100A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com