Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
LM3421/23
OVP
ROV2
ROV1
LED+
LED-
1.24V
23 2A
LM3421/23
ROV2
ROV1
VO
OVLO
OVP
2
OV
HYSO
R
A
23
V
x
2
=
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
In the ground referenced configuration, the voltage across ROV2 is VO – 1.24 V whereas in the floating
configuration it is VO – 620 mV where 620 mV approximates VBE of the PNP.
The overvoltage hysteresis (VHYSO) is defined using Equation 25.
(25)
Figure 21. Overvoltage Protection Circuitry
Figure 22. Floating Output OVP Circuitry
The OVLO feature can cause some interesting results if the OVLO trip-point is set too close to VO. At turnon, the
converter has a modest amount of voltage overshoot before the control loop gains control of ILED. If the overshoot
exceeds the OVLO threshold, the controller shuts down, opening the dimming MOSFET. This isolates the LED
load from the converter and the output capacitance. The voltage will then discharge very slowly through the HSP
and HSN pins until VO drops below the lower threshold, where the process repeats. This looks like the LEDs are
blinking at around 2 Hz. This mode can be escaped if the input voltage is reduced.
7.3.11 Input Undervoltage Lockout (UVLO)
The nDIM pin is a dual-function input that features an accurate 1.24-V threshold with programmable hysteresis
as shown in Figure 23. This pin functions as both the PWM dimming input for the LEDs and as a VIN UVLO.
When the pin voltage rises and exceeds the 1.24-V threshold, 23 µA (typical) of current is driven out of the nDIM
pin into the resistor divider providing programmable hysteresis.
20
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com