Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments LM3421 Datasheet HTML 42Page - Texas Instruments LM3421 Datasheet HTML 43Page - Texas Instruments LM3421 Datasheet HTML 44Page - Texas Instruments LM3421 Datasheet HTML 45Page - Texas Instruments LM3421 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
=
1.24V
1.24V
=
R
HSP
:
=
k
0
.
1
:
x
:
x
0.1
k
12.4
A
1
x
x
R
R
I
SNS
CSH
LED
:
=
=
=
1
.
0
1A
R
SNS
I
LED
mV
100
V
SNS
CT = 1 nF
RT = 49.9 k:
25
25
=
49.9 k: x 1 nF
fSW =
RT x CT
= 501 kHz
25
25
=
500 kHz x 1 nF
= 50 k:
RT =
fSW x CT
DMAX
=
=
677
.
0
=
V
21
V
10
V
21 +
V
O
V
V
IN-MIN
O +
21V
=
21V + 70V
= 0.231
DMIN =
VO + VIN-MAX
VO
533
.
0
467
.
0
1
D
1
'
D
=
-
=
-
=
D
=
=
467
.
0
=
V
21
V
24
V
21 +
V
O
V
V
IN
O +
:
=
:
x
=
x
=
95
.
1
m
325
6
r
N
r
LED
D
V
21
V
5
.
3
6
V
N
V
LED
O
=
x
=
x
=
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
Typical Applications (continued)
ILIM = 6 A
VTURN-ON = 10 V
VHYS = 3 V
VTURN-OFF = 40 V
VHYSO = 10 V
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Operating Point
Solve for VO and rD:
(95)
(96)
Solve for D, D', DMAX, and DMIN:
(97)
(98)
(99)
(100)
8.2.2.2.2
Switching Frequency
Assume CT = 1 nF and solve for RT:
(101)
The closest standard resistor is 49.9 k
Ω; therefore, fSW is:
(102)
The chosen component from step 2 is:
(103)
8.2.2.2.3
Average LED Current
Solve for RSNS:
(104)
Assume RCSH = 12.4 kΩ and solve for RHSP:
(105)
42
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com