Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 53Page - Texas Instruments LM3421 Datasheet HTML 54Page - Texas Instruments LM3421 Datasheet HTML 55Page - Texas Instruments LM3421 Datasheet HTML 56Page - Texas Instruments LM3421 Datasheet HTML 57Page - Texas Instruments LM3421 Datasheet HTML 58Page - Texas Instruments LM3421 Datasheet HTML 59Page - Texas Instruments LM3421 Datasheet HTML 60Page - Texas Instruments LM3421 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
RLIM
Q1
ROV1
COV
15V ± 50V
PWM
CO
D1
ROV2
1.25A
ILED
RSNS
RFS
CFS
Q2
D2
L1
Q4
RPU
CDIM
OVP
nDIM
LM3423
AGND
VIN
PGND
DDRV
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
CBYP
CCMP
RT
RUV2
RUV1
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
RHSN
RHSP
Q3
CT
CIN
FLT
DPOL
9
12
TIMR
LRDY
10
11
RCSH
RUVH
VIN
LED
STATUS
LIGHT
RPU2
RPD
RPD
External
Enable
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
8.2.7 LM3423 Buck Application
Figure 42. LM3423 Buck Application
8.2.7.1 Design Requirements
•
Input: 15 V to 50 V
•
Output: 3 LEDs at 1.25 A
•
PWM Dimming up to 50 kHz
•
LED Status Indicator
•
Zero Current Shutdown
•
700-kHz Switching Frequency
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com