Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 3 Page - Texas Instruments

  LM3421 Datasheet HTML 1Page - Texas Instruments LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
VCC
1
EN
VIN
OVP
RCT
FLT
DPOL
DDRV
HSP
AGND
COMP
CSH
DAP
RPD
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nDIM
TIMR
LRDY
PGND
GATE
HSN
IS
21
VIN
OVP
RCT
AGND
COMP
CSH
nDIM
VCC
1
EN
DDRV
HSP
DAP
RPD
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGND
GATE
HSN
IS
17
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
5 Pin Configuration and Functions
PWP Package
PWP Package
16-Pin HTSSOP
20-Pin HTSSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
FUNCTION
NAME
LM3423
LM3421
Bypass with 100-nF capacitor to AGND as close to the device
VIN
1
1
I
Input voltage
as possible in the printed-circuit-board layout.
Connect to AGND for zero current shutdown or apply > 2.4 V
EN
2
2
I
Enable
to enable device.
COMP
3
3
I
Compensation
Connect a capacitor to AGND to set the compensation.
Connect a resistor to AGND to set the signal current. For
analog dimming, connect a controlled current source or a
CSH
4
4
I
Current sense high
potentiometer to AGND as detailed in the Analog Dimming
section.
External RC network sets the predictive off-time and thus the
RCT
5
5
I
Resistor capacitor timing
switching frequency.
Connect to PGND through the DAP copper pad to provide
AGND
6
6
GND
Analog ground
ground return for CSH, COMP, RCT, and TIMR.
Connect to a resistor divider from VO to program output
OVP
7
7
I
Overvoltage protection
overvoltage lockout (OVLO). Turnoff threshold is 1.24 V and
hysteresis for turnon is provided by 23-µA current source.
Connect a PWM signal for dimming as detailed in the PWM
Dimming section and/or a resistor divider from VIN to program
Dimming input /
nDIM
8
8
I
input undervoltage lockout (UVLO). Turnon threshold is 1.24
undervoltage protection
V and hysteresis for turnoff is provided by a 23-µA current
source.
Connect to pullup resistor from VIN and N-channel MOSFET
FLT
9
—
I
Fault flag
open-drain output is high when a fault condition is latched by
the timer.
Connect a capacitor to AGND to set the time delay before a
TIMR
10
—
I
Fault timer
sensed fault condition is latched.
Connect to pullup resistor from VIN and N-channel MOSFET
LRDY
11
—
O
LED ready flag
open-drain output pulls down when the LED current is not in
regulation.
Connect to AGND if dimming with a series P-channel
DPOL
12
—
I
Dim polarity
MOSFET or leave open when dimming with series N-channel
MOSFET.
DDRV
13
9
O
Dim gate drive output
Connect to the gate of the dimming MOSFET.
Connect to AGND through the DAP copper pad to provide
PGND
14
10
GND
Power ground
ground return for GATE and DDRV.
GATE
15
11
O
Main gate drive output
Connect to the gate of the main switching MOSFET.
VCC
16
12
I
Internal regulator output
Bypass with 2.2-µF to 3.3-µF ceramic capacitor to PGND.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com