Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
ILIM =
245 mV
RLIM
LM3421/23
IT
PWM
COMP
IS
RLIM
Q1
GATE
LEB
PGND
0.245V
0.8V
RDS-ON
Sensing
RLIM
Sensing
ILED = (ICSH - IADD) x
RHSP
RSNS
¸
¹
·
¨
©
§
RADJ x VREF
IADD =
RADJ + RMAX
- VBE-Q6
¸
¹
·
¨
©
§
RBIAS
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Feature Description (continued)
Method 2 provides a complete dimming range and better noise performance, though it is more complex. It
consists of a PNP current mirror and a bias network consisting of an NPN, 2 resistors and a potentiometer
(RADJ), where RADJ controls the amount of current sourced into the CSH pin. A higher resistance value will source
more current into the CSH pin causing less regulated signal current through RHSP, effectively dimming the LEDs.
VREF should be a precise external voltage reference, while Q7 and Q8 should be a dual pair PNP for best
matching and performance. The additional current (IADD) sourced into the CSH pin can be calculated using
Equation 9.
(9)
The corresponding ILED for a specific IADD is:
(10)
7.3.5 Current Sense and Current Limit
The LM34xx-Q1 achieves peak current mode control using a comparator that monitors the main MOSFET (Q1)
transistor current, comparing it with the COMP pin voltage as shown in Figure 15. Further, it incorporates a
cycle-by-cycle overcurrent protection function. Current limit is accomplished by a redundant internal current
sense comparator. If the voltage at the current sense comparator input (IS) exceeds 245 mV (typical), the on
cycle is immediately terminated. The IS input pin has an internal N-channel MOSFET which pulls it down at the
conclusion of every cycle. The discharge device remains on an additional 210 ns (typical) after the beginning of a
new cycle to blank the leading edge spike on the current sense signal. The leading edge blanking (LEB)
determines the minimum achievable on-time (tON-MIN).
Figure 15. Current Sense / Current Limit Circuitry
There are two possible methods to sense the transistor current. The RDS-ON of the main power MOSFET can be
used as the current sense resistance because the IS pin was designed to withstand the high voltages present on
the drain when the MOSFET is in the off state. Alternatively, a sense resistor located in the source of the
MOSFET may be used for current sensing; however, TI suggests a low inductance (ESL) type. The cycle-by-
cycle current limit (ILIM) can be calculated using either method as the limiting resistance (RLIM):
(11)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com