Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
IS
AGND
PWM
Start new on time
nDIM
COMP
REFERENCE
CURRENT
LIMIT
CSH
HSN
LOGIC
HSP
EN
OVP
HYSTERESIS
LED CURRENT LOW
S
R
Q
UVLO
DDRV
GATE
PGND
OVP
LRDY
RPD
EN
LatchOff
TIMR
OVLO
FLT
LED CURRENT HIGH
Regulator
Thermal
Limit
TLIM
TLIM
OVLO
PGND
LatchOff
Standby
Dimming
Reset
Dominant
RCT
800 mV
820k
500k
LEB
In the LM3421, TIMR is internally shorted to AGND.
1.235V
6.9V LDO
(4.1V)
DPOL
Grey pins are available in the LM 3423 only.
LEB
9 = 150 ns
VIN/25
VIN UVLO
HYSTERESIS
1.24V
VCC
1.235V
VCC
1.24V
1.24V
0.245V
1.0V
1.6V
VCC UVLO
VCC
VCC UVLO
VIN
23 2A
23 2A
11.5 2A
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
7 Detailed Description
7.1 Overview
The LM34xx-Q1 are N-channel MOSFET (NFET) controllers for buck, boost and buck-boost current regulators
which are ideal for driving LED loads. The controller has wide input voltage range allowing for regulation of a
variety of LED loads. The high-side differential current sense, with low adjustable threshold voltage, provides an
excellent method for regulating output current while maintaining high system efficiency. The LM34xx-Q1 uses a
Predictive Off-time (PRO) control architecture that allows the regulator to be operated using minimal external
control loop compensation, while providing an inherent cycle-by-cycle current limit. The adjustable current sense
threshold provides the capability to amplitude (analog) dim the LED current and the output enable/disable
function with external dimming FET driver allows for fast PWM dimming of the LED load. When designing, the
maximum attainable LED current is not internally limited because the LM34xx-Q1 is a controller. Instead it is a
function of the system operating point, component choices, and switching frequency allowing the LM34xx-Q1 to
easily provide constant currents up to 5A. This controller contains all the features necessary to implement a high-
efficiency versatile LED driver.
7.2 Functional Block Diagram
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com