Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
6.5 Electrical Characteristics
MIN and MAX limits apply for TJ = −40°C to 150°C for LM3421Q0/LM3423Q0, TJ = −40°C to 125°C for all others, unless
otherwise specified. Specifications that differ between the two operating ranges will be identified in the Temp Range column
as Q0 for TJ = −40°C to 150°C and as Q1 for TJ = −40°C to 125°C. If no temperature range is indicated then the specification
holds for both Q1 and Q0. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following condition applies: VIN = 14 V.
TEMP
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
RANGE
START-UP REGULATOR
VCCREG
VCC Regulation
ICC = 0 mA
6.3
6.9
7.35
V
ICCLIM
VCC Current Limit
VCC = 0 V
20
25
mA
Q1
2
3
mA
IQ
Quiescent Current
EN = 3 V, Static
Q0
2
3.5
mA
ISD
Shutdown Current
EN = 0 V
0.1
1
µA
VCC SUPPLY
VCC Increasing
4.17
4.5
V
VCCUV
VCC UVLO Threshold
VCC Decreasing
3.7
4.08
V
VCCHYS
VCC UVLO Hysteresis
0.1
V
EN THRESHOLDS
Q1
1.75
2.4
V
EN Increasing
ENST
EN Start-up Threshold
Q0
1.75
2.75
V
EN Decreasing
0.8
1.63
V
ENSTHYS
EN Start-up Hysteresis
0.1
V
Q1
0.45
0.82
1.3
M
Ω
REN
EN Pulldown Resistance
EN = 1 V
Q0
0.45
0.82
1.8
M
Ω
CSH THRESHOLDS
CSH High Fault
CSH Increasing
1.6
V
CSH Low Condition on LRDY
CSH increasing
1
V
Pin (LM3423)
OV THRESHOLDS
OVPCB
OVP OVLO Threshold
OVP Increasing
1.185
1.24
1.285
V
Q1
20
23
25
µA
OVP Hysteresis Source
OVPHYS
OVP Active (high)
Current
Q0
20
23
26
µA
DPOL THRESHOLDS
DPOLTHRES
DPOL Logic Threshold
DPOL Increasing
2
2.3
2.6
V
H
RDPOL
DPOL Pullup Resistance
500
1200
k
Ω
FAULT TIMER
Q1
1.185
1.24
1.285
V
VFLTTH
Fault Threshold
Q0
1.185
1.24
1.29
V
Q1
10
11.5
13
µA
IFLT
Fault Pin Source Current
Q0
10
11.5
13.5
µA
ERROR AMPLIFIER
VREF
CSH Reference Voltage
With Respect to AGND
1.21
1.235
1.26
V
Error Amplifier Input Bias
MIN, MAX = TJ = 25°C
–0.6
0
0.6
µA
Current
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com