Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 33Page - Texas Instruments LM3421 Datasheet HTML 34Page - Texas Instruments LM3421 Datasheet HTML 35Page - Texas Instruments LM3421 Datasheet HTML 36Page - Texas Instruments LM3421 Datasheet HTML 37Page - Texas Instruments LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
MAX
IN
MAX
T
V
V
-
-
=
1-DMAX
DMAX
ICIN-RMS = ILED x
12
ICIN-RMS =
iL-PP
(1-DMID)
D
I
I
LED
RMS
CIN
x
x
=
-
MID
CIN =
VIN-PP x fSW
ILED x D
CIN =
8 x VIN-PP x fSW
iL-PP
CIN =
ILED x (1 - D) x D
VIN-PP x fSW
x
=
0
U
T
T
-
1
¸
¸
¹
·
¨
¨
©
§
s
Z
1
Z
x
x
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
3
P
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
2
P
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
1
P
x
=
0
U
T
T
1
x
x
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
3
P
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
2
P
+
1
¸
¸
¹
·
¨
¨
©
§
s
Z
1
P
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Typical Applications (continued)
Buck
(67)
Boost and Buck-Boost
(68)
8.2.1.2.8
Input Capacitance
Set the nominal input voltage ripple (
ΔvIN-PP) by solving for the required capacitance (CIN):
Buck
(69)
Boost
(70)
Buck-Boost
(71)
Use DMAX to set the worst case input voltage ripple, when solving for CIN in a buck-boost regulator and DMID = 0.5
when solving for CIN in a buck regulator.
The minimum allowable RMS input current rating (ICIN-RMS) can be approximated:
Buck
(72)
Boost
(73)
Buck-Boost
(74)
8.2.1.2.9
NFET
The NFET voltage rating should be at least 15% higher than the maximum NFET drain-to-source voltage (VT-
MAX):
Buck
(75)
Boost
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com