Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 1 Page - Texas Instruments

  LM3421 Datasheet HTML 1Page - Texas Instruments LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
OVP
nDIM
LM3421
AGND
VIN
PGND
DDRV
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ILED
PWM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
LM342x/-Q1 N-Channel Controllers for Constant-Current LED Drivers
1 Features
3 Description
The LM3421 and LM3423 family of devices are
1
•
LM3421Q1/LM3423Q1 are Automotive Grade
versatile high voltage N-channel MOSFET controllers
Products That are AEC-Q100 Grade 1 Qualified
for LED drivers. They can be easily configured in
•
LM3421Q0/LM3423Q0 are Automotive Grade
buck, boost, buck-boost and SEPIC topologies. This
Products That are AEC-Q100 Grade 0 Qualified
flexibility, along with an input voltage rating of 75 V,
makes the LM3421 and LM3423 devices ideal for
•
VIN Range From 4.5 V to 75 V
illuminating LEDs in a large family of applications.
•
High-Side Adjustable Current Sense
Adjustable high-side current sense voltage allows for
•
2-
Ω, 1-A Peak MOSFET Gate Driver
tight regulation of the LED current with the highest
•
Input Undervoltage and Output Overvoltage
efficiency possible. The LM3421 and LM3423 devices
Protection
use predictive off-time (PRO) control, which is a
•
PWM and Analog Dimming
combination of peak current-mode control and a
predictive off-timer. This method of control eases the
•
Cycle-by-Cycle Current Limit
design of loop compensation while providing inherent
•
Programmable Switching Frequency
input voltage feed-forward compensation.
•
Zero Current Shutdown and Thermal Shutdown
The LM3421 and LM3423 devices include a high-
•
LED Output Status Flag (LM3423/23Q1/23Q0
voltage start-up regulator that operates over a wide
Only)
input range of 4.5 V to 75 V. The internal PWM
•
Fault Status Flag and Timer (LM3423/23Q1/23Q0
controller
is
designed
for
adjustable
switching
Only)
frequencies of up to 2 MHz, thus enabling compact
solutions.
2 Applications
Device Information(1)
•
LED Drivers: Buck, Boost, Buck-Boost, and
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SEPIC
LM3421
•
Indoor and Outdoor Area SSL
HTSSOP (16)
5.00 mm × 4.40 mm
LM3421-Q1
•
Automotive
LM3423
HTSSOP (20)
6.50 mm × 4.40 mm
•
General Illumination
LM3423-Q1
•
Constant-Current Regulators
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Boost Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
906Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
6Mb / 20P
LM3421 SEPIC LED Driver Evaluation Board for Automotive Applications
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
1Mb / 65P
N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
1Mb / 48P
N-Channel Controllers for Constant Current LED Drivers
More results

Similar Description - LM3421

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
N-Channel Controller for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
National Semiconductor ...
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
N-Channel Controllers for Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
LM3429Q1 N-Channel Controller for Constant Current LED Drivers
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
N-Channel Controllers for Constant Current LED Drivers
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com