Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments LM3421 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
tPULSE =
2 x ILED x VO X L1
VIN
2
LM3421/23
RUV2
RUV1
VIN
nDIM
RUVH
QDIM
DDIM
Inverted
PWM
Standard
PWM
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
Figure 24. PWM Dimming Circuit
Figure 24 shows how the PWM signal is applied to nDIM:
1. Connect the dimming MOSFET (QDIM) with the drain to the nDIM pin and the source to AGND. Apply an
external logic-level PWM signal to the gate of QDIM.
2. Connect the anode of a Schottky diode (DDIM) to the nDIM pin. Apply an inverted external logic-level PWM
signal to the cathode of the same diode.
The DDRV pin is a PWM output that follows the nDIM PWM input signal. When the nDIM pin rises, the DDRV pin
rises and the PWM latch reset signal is removed allowing the main MOSFET Q1 to turn on at the beginning of
the next clock set pulse. In boost and buck-boost topologies, the DDRV pin is used to control a N-channel
MOSFET placed in series with the LED load, while it would control a P-channel MOSFET in parallel with the load
for a buck topology.
The series dimFET will open the LED load, when nDIM is low, effectively speeding up the rise and fall times of
the LED current. Without any dimFET, the rise and fall times are limited by the inductor slew rate and dimming
frequencies above 1 kHz are impractical. Using the series dimFET, dimming frequencies up to 30 kHz are
achievable. With a parallel dimFET (buck topology), even higher dimming frequencies are achievable.
When using the PWM functionality in a boost regulator, the PWM signal can drive a ground referenced FET.
However, with buck-boost and buck topologies, level shifting circuitry is necessary to translate the PWM dim
signal to the floating dimFET as shown in Figure 25 and Figure 26. If high side dimming is necessary in a boost
regulator using the LM3423, level shifting can be added providing the polarity inverting DPOL pin is pulled low
(see LM3423 Only: DPOL, FLT, TIMR, and LRDY section) as shown in Figure 27.
When using a series dimFET to PWM dim the LED current, more output capacitance is always better. A general
rule of thumb is to use a minimum of 40 µF when PWM dimming. For most applications, this will provide
adequate energy storage at the output when the dimFET turns off and opens the LED load. Then when the
dimFET is turned back on, the capacitance helps source current into the load, improving the LED current rise
time.
A minimum on-time must be maintained in order for PWM dimming to operate in the linear region of its transfer
function. Because the controller is disabled during dimming, the PWM pulse must be long enough such that the
energy intercepted from the input is greater than or equal to the energy being put into the LEDs. For boost and
buck-boost regulators, the minimum dimming pulse length in seconds (tPULSE) is:
(29)
Even maintaining a dimming pulse greater than tPULSE, preserving linearity at low dimming duty cycles is difficult.
22
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com