Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
RSNS
ILED
RHSP
RHSN
HSN
HSP
High-Side
Sense Amplifier
CSH
1.24V
CCMP
RCSH
COMP
Error Amplifier
VSNS
To PWM
Comparator
LM3421/23
CFS
RFS
sets öP3
RO
sets öP2
FREQUENCY (Hz)
100
80
60
40
20
0
-20
-40
-60
135
90
45
0
-45
-90
-135
-180
-225
1e-1
1e1
1e3
1e5
1e7
0°Phase Margin
öP1
PHASE
GAIN
öZ1
=
D
r
2
D
c
x
1
Z
Z
L1
D x
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
Feature Description (continued)
And the right half plane zero (
ωZ1) is:
(15)
Figure 17. Uncompensated Loop Gain Frequency Response
Figure 17 shows the uncompensated loop gain in a worst-case scenario when the RHP zero is below the output
pole. This occurs at high duty cycles when the regulator is trying to boost the output voltage significantly. The
RHP zero adds 20dB/decade of gain while losing 45°/decade of phase, which places the crossover frequency
(when the gain is zero dB) extremely high because the gain only starts falling again due to the high-frequency
pole (not shown in Figure 17). The phase will be below –180° at the crossover frequency, which means there is
no phase margin (180° + phase at crossover frequency) causing system instability. Even if the output pole is
below the RHP zero, the phase will still reach –180° before the crossover frequency in most cases yielding
instability.
Figure 18. Compensation Circuitry
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com