Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments LM3421 Datasheet HTML 26Page - Texas Instruments LM3421 Datasheet HTML 27Page - Texas Instruments LM3421 Datasheet HTML 28Page - Texas Instruments LM3421 Datasheet HTML 29Page - Texas Instruments LM3421 Datasheet HTML 30Page - Texas Instruments LM3421 Datasheet HTML 31Page - Texas Instruments LM3421 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
(
)
2
O
O
IN
V
V
V
25
-
x
x
SW
f
=
2
IN
T
T
V
C
R
x
x
fSW =
25 x VIN - VO
RT x CT X VIN
(
)
VIN
VO
L1
D1
Boost Inrush Diode
Q1
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
Application Information (continued)
8.1.7 Boost Inrush Current
When configured as a boost converter, there is a phantom power path comprised of the inductor, the output
diode, and the output capacitor. This path will cause two things to happen when power is applied. First, there will
be a very large inrush of current to charge the output capacitor. Second, the energy stored in the inductor during
this inrush will end up in the output capacitor, charging it to a higher potential than the input voltage.
Depending on the state of the EN pin, the output capacitor would be discharged by:
1. EN < 1.3 V: no discharge path (leakage only).
2. EN > 1.3 V, the OVP divider resistor path, if present, and 10 µA into each of the HSP & HSN pins.
In applications using the OVP divider and with EN > 1.3 V, the output capacitor voltage can charge higher than
VTURN-OFF. In this situation, the FLT pin (LM3423 only) is open and the PWM dimming MOSFET is turned off.
This condition (the system appearing disabled) can persist for an undesirably long time. Possible solutions to this
condition are:
•
Add an inrush diode from VIN to the output as shown in Figure 30.
•
Add an NTC thermistor in series with the input to prevent the inrush from overcharging the output capacitor
too high.
•
Use a current limited source supply.
•
Raise the OVP threshold.
Figure 30. Boost Topology with Inrush Diode
8.1.8 Switching Frequency
An external resistor (RT) connected between the RCT pin and the switch node (where D1, Q1, and L1 connect),
in combination with a capacitor (CT) between the RCT and AGND pins, sets the off-time (tOFF) as shown in
Figure 31. For boost and buck-boost topologies, the VIN proportionality ensures a virtually constant switching
frequency (fSW).
For a buck topology, RT and CT are also used to set tOFF, however the VIN proportionality will not ensure a
constant switching frequency. Instead, constant ripple operation can be achieved. Changing the connection of RT
in Figure 31 from VSW to VIN will provide a constant ripple over varying VIN. Adding a PNP transistor as shown in
Figure 32 will provide constant ripple over varying VO.
The switching frequency is defined:
Buck (Constant Ripple vs. VIN)
(31)
Buck (Constant Ripple vs. VO)
(32)
Boost and Buck-boost
28
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com