Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments LM3421 Datasheet HTML 16Page - Texas Instruments LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
1
P =
Z
1+

D
O
D
C
r x
3
=
0
U
T
=
SNS
CSH
R
R
500V
D
x
x
x
?
620V
D
x
?
(
)
LIM
LED
R
I
D
1
x
x
+
(
)
LIM
HSP
R
R
D
1
x
x
+
x
=
¨
¨
©
§
+
s
1 Z
1
P
¸
¸
¹
·
0
U
T
U
T
¨
¨
©
§
-
s
1 Z
1
Z
¸
¸
¹
·
LM3421/23
VIN
EN
nDIM
VIN
VO
RPD
OVP
Enable
RUV2
RUV1
ROV2
ROV1
L1
D1
LM3421, LM3421-Q1, LM3423, LM3423-Q1
SNVS574F – JULY 2008 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
7.3.6 Overcurrent Protection
The LM34xx-Q1 devices have a secondary method of overcurrent protection. Switching action is disabled
whenever the current in the LEDs is more than 30% above the regulation set point. The dimming MOSFET
switch driver (DDRV) is not disabled however as this would immediately remove the fault condition and cause
oscillatory behavior.
7.3.7 Zero Current Shutdown
The LM34xx-Q1 devices implement zero current shutdown through the EN and RPD pins. When pulled low, the
EN pin places the devices into near-zero current state, where only the leakage currents will be observed at the
pins (typical 0.1 µA). The applications circuits frequently have resistor dividers to set UVLO, OVLO, or other
similar functions. The RPD pin is an open-drain N-channel MOSFET that is enabled only when the device is
enabled. Tying the bottom of all resistor dividers to the RPD pin as shown in Figure 16 allows them to float
during shutdown, thus removing their current paths and providing true application-wide zero current shutdown.
Figure 16. Zero Current Shutdown Circuit
7.3.8 Control Loop Compensation
The LM34xx-Q1 control loop is modeled like any current mode controller. Using a first order approximation, the
uncompensated loop can be modeled as a single pole created by the output capacitor and, in the boost and
buck-boost topologies, a right half plane zero created by the inductor, where both have a dependence on the
LED string dynamic resistance. There is also a high-frequency pole in the model; however, it is near the
switching frequency and plays no part in the compensation design process. Therefore, it will be neglected.
Because ceramic capacitance is recommended for use with LED drivers, due to long lifetimes and high ripple
current rating, the ESR of the output capacitor can also be neglected in the loop analysis. Finally, there is a DC
gain of the uncompensated loop which is dependent on internal controller gains and the external sensing
network.
A buck-boost regulator will be used as an example case.
Use Equation 12 to calculate the uncompensated loop gain for a buck-boost regulator.
(12)
Where the uncompensated DC loop gain of the system is calculated using Equation 13.
(13)
And the output pole (
ωP1) is approximated using Equation 14.
(14)
16
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com