Electronic Components Datasheet Search
  English  ▼

X  

LM3421 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant-Current LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 59Page - Texas Instruments LM3421 Datasheet HTML 60Page - Texas Instruments LM3421 Datasheet HTML 61Page - Texas Instruments LM3421 Datasheet HTML 62Page - Texas Instruments LM3421 Datasheet HTML 63Page - Texas Instruments LM3421 Datasheet HTML 64Page - Texas Instruments LM3421 Datasheet HTML 65Page - Texas Instruments LM3421 Datasheet HTML 66Page - Texas Instruments LM3421 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
9 Power Supply Recommendations
9.1 General Recommendations
The device is designed to operate from an input voltage supply range from 4.5 V to 75 V. This input supply
should be well regulated. If the input supply is located more than a few inches from the EVM or PCB, additional
bulk capacitance may be required in addition to the ceramic bypass capacitors.
9.2 Input Supply Current Limit
It is important to set the output current limit of your input supply to an appropriate value to avoid delays in your
converter analysis and optimization. If not set high enough, current limit can be tripped during start-up or when
your converter output power is increased, causing a foldback or shutdown condition. It is a common oversight
when powering up a converter for the first time.
10 Layout
10.1 Layout Guidelines
The performance of any switching regulator depends as much upon the layout of the PCB as the component
selection. Following a few simple guidelines will maximize noise rejection and minimize the generation of EMI
within the circuit.
Discontinuous currents are the most likely to generate EMI, therefore care should be taken when routing these
paths. The main path for discontinuous current in the LM34xx-Q1 buck regulator contains the input capacitor
(CIN), the recirculating diode (D1), the N-channel MOSFET (Q1), and the sense resistor (RLIM). In the LM34xx-Q1
boost regulator, the discontinuous current flows through the output capacitor (CO), D1, Q1, and RLIM. In the buck-
boost regulator, both loops are discontinuous and should be carefully layed out. These loops should be kept as
small as possible and the connections between all the components should be short and thick to minimize
parasitic inductance. In particular, the switch node (where L1, D1 and Q1 connect) should be just large enough
to connect the components. To minimize excessive heating, large copper pours can be placed adjacent to the
short current path of the switch node.
The RT, COMP, CSH, IS, HSP and HSN pins are all high-impedance inputs which couple external noise easily;
therefore, the loops containing these nodes should be minimized whenever possible.
In some applications the LED or LED array can be far away (several inches or more) from the LM34xx-Q1, or on
a separate PCB connected by a wiring harness. When an output capacitor is used and the LED array is large or
separated from the rest of the regulator, the output capacitor should be placed close to the LEDs to reduce the
effects of parasitic inductance on the AC impedance of the capacitor.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com