Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 62Page - National Semiconductor (TI) LM93 Datasheet HTML 63Page - National Semiconductor (TI) LM93 Datasheet HTML 64Page - National Semiconductor (TI) LM93 Datasheet HTML 65Page - National Semiconductor (TI) LM93 Datasheet HTML 66Page - National Semiconductor (TI) LM93 Datasheet HTML 67Page - National Semiconductor (TI) LM93 Datasheet HTML 68Page - National Semiconductor (TI) LM93 Datasheet HTML 69Page - National Semiconductor (TI) LM93 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
16.0 Registers (Continued)
16.8.8 Register C3h
Zones 1/2 MinPWM and Hysteresis
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C3h
R/W
Zones 1/2
MinPWM and
Hysteresis
MinPWM
FC_TH
N/D
Bit
Name
R/W
Description
3:0
FC_TH
R/W
This field sets the amount of hysteresis (in degrees
C) that is used by the auto-fan control for zones 1
and 2. This should be set greater than 0 to avoid
unwanted oscillation between two steps in the look-up
table.
7:4
MinPWM
R/W
This field determines the duty cycle that the auto-fan
control requests for zones 1 and 2 if the temperature
for the given zone falls below the programmed base
temperature for that zone. This field accepts 16
possible values that are mapped to duty cycles
according the table in the Auto-Fan Control section.
16.8.9 Register C4h
Zones 3/4 MinPWM and Hysteresis
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
C4h
R/W
Zones 3/4
MinPWM and
Hysteresis
MinPWM
FC_TH
N/D
Bit
Name
R/W
Description
3:0
FC_TH
R/W
This field sets the amount of hysteresis (in degrees
C) that is used by the auto-fan control for zones 3
and 4. This should be set greater than 0 to avoid
unwanted oscillation between two steps in the look-up
table.
7:4
MinPWM
R/W
This field determines the duty cycle that the auto-fan
control requests for zones 3 and 4 if the temperature
for the given zone falls below the programmed base
temperature for that zone. This field accepts 16
possible values that are mapped to duty cycles
according the table in the Auto-Fan Control section.
www.national.com
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com