Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 200Page - National Semiconductor (TI) PC87591L Datasheet HTML 201Page - National Semiconductor (TI) PC87591L Datasheet HTML 202Page - National Semiconductor (TI) PC87591L Datasheet HTML 203Page - National Semiconductor (TI) PC87591L Datasheet HTML 204Page - National Semiconductor (TI) PC87591L Datasheet HTML 205Page - National Semiconductor (TI) PC87591L Datasheet HTML 206Page - National Semiconductor (TI) PC87591L Datasheet HTML 207Page - National Semiconductor (TI) PC87591L Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
204
Revision 1.07
ACB Control Status Register (ACBnCST)
The ACBnCST register maintains current ACB status and controls several ACB module functions, as described below. On
reset and when the module is disabled, the non-reserved bits of ACBnCST are cleared (0016).
Location: Channel 1 - 00 FF6416
Channel 2 - 00 FFE416
Type: Varies per bit
Bit
76543210
Name
ARPMATCH MATCHAF
TGSCL
TSDA
GCMATCH
MATCH
BB
BUSY
Reset
00000000
Bit
Type
Description
0RO
BUSY. When set (1), indicates that the ACB module is in one of the following states:
–
Generating a Start Condition
–
In Master mode (MASTER in ACBnST register is set)
–
In Slave mode (MATCH or GMATCH in ACBnCST register is set)
–
In the period between detecting a Start Condition and completing the reception of the address byte;
after this, the ACB either becomes not busy or enters Slave mode.
The BUSY bit is cleared by the completion of any of the above states or by disabling the module. It
should always be written 0.
1
R/W1C BB (Bus Busy). When set (1), indicates the bus is busy. It is set either when the bus is active (i.e., a
low level on either SDA or SCL) or by a Start Condition. It is cleared when the module is disabled, on
detection of a Stop Condition or by writing 1 to this bit. See Section 4.13.9 on page 207 for a
description of the use of this bit.
2RO
MATCH (Address Match). In Slave mode, MATCH is set (1) when SAEN in ACBnADDR register is
set and the first seven bits of the address byte (the first byte transferred after a Start Condition) match
the 7-bit address in ACBnADDR register. It is cleared by Start Condition, a Repeated Start or a Stop
Condition (including illegal Start or Stop Condition).
3RO
GCMATCH (Global Call Match). In Slave mode, GCMTCH is set (1) when GCMEN in ACBnCTL1
register is set and the address byte (the first byte transferred after a Start Condition) is 0016.Itis
cleared by a Start Condition, a Repeated Start or a Stop Condition (including illegal Start or Stop
Condition).
4RO
TSDA (Test SDA Line). Reads the current value of the SDA line. This bit can be used while
recovering from an error condition in which the SDA line is constantly pulled low by a slave that went
out of synch. Data written to this bit is ignored.
5
R/W
TGSCL (Toggle SCL Line). Enables toggling the SCL line during the process of error recovery. When
the SDA line is low, writing 1 to this bit toggles the SCL line for one cycle. Writing 1 to TGSCL while
SDA is high is ignored. The bit is cleared when the clock toggle is completed.
6RO
MATCHAF (Match Address Field). When the MATCH bit is set, MATCHAF indicates with which of
the two possible slave addresses (ADDR cleared in ACBnADDR register or set in ACBnADDR2
register) the match has occurred. If both addresses match, the bit is cleared.
7RO
ARPMATCH (ARP address Match). In Slave mode, ARPMTCH is set (1) when ARPMEN in
ACBnCTL3 register is set and the address byte (the first byte transferred after a Start Condition) is
110 00012. It is cleared by Start Condition, a Repeated Start or a Stop Condition (including illegal Start
or Stop Condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com