Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 223 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 223 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 219Page - National Semiconductor (TI) PC87591L Datasheet HTML 220Page - National Semiconductor (TI) PC87591L Datasheet HTML 221Page - National Semiconductor (TI) PC87591L Datasheet HTML 222Page - National Semiconductor (TI) PC87591L Datasheet HTML 223Page - National Semiconductor (TI) PC87591L Datasheet HTML 224Page - National Semiconductor (TI) PC87591L Datasheet HTML 225Page - National Semiconductor (TI) PC87591L Datasheet HTML 226Page - National Semiconductor (TI) PC87591L Datasheet HTML 227Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
223
www.national.com
A write to an address within a Main Block section results in an erase of the Main Block section. A write to an ad-
dress within an Information Block section results in an erase of the Information Block section and its corresponding
Main Block section (e.g., Main Block section 0 and Information Block section 0).
●
Special Erase State
The Special Erase state is entered by a command from JTAG. Special erase enables erasing the entire flash, ex-
cept for the factory parameters. It is the only operation on the flash enabled for the JTAG when the flash protection
field is set to Protect. While in this state, the busy indicator is set. When the erase operation is completed, the data
is verified and the error bits are updated accordingly. During Special Erase state, reset is ignored. The protected
data information is always the last to be erased.
Both program and erase can be initiated by the host, core or JTAG interface. Note that no instruction fetch or data read/write
can be performed from/to the on-chip flash while it is being programed or erased.
While the JTAG Flash interface is enabled, the Debugger interface generates a reset, which causes the core, the Host in-
terface circuit and the core bus to be held in reset.
Flash Operation Timing Control
The Information Block read, the program and erase timings are controlled by internal timers. (The read timing from the Main
Block is controlled by the BIU configuration). The timers default on Power-Up reset to operate at a core frequency of 4 MHz.
Software may change this for operation with other core clock frequencies.
Section 4.16.7 on page 228 lists the timing control registers. Table 33 provides the values that should be programed into
the control registers for each core domain clock frequency. It is the responsibility of the firmware to make sure that the timing
control registers are set according to the current core domain clock frequency before any flash erase or flash program is
allowed.
Reset
While the on-chip flash is in Read state, driving reset aborts the current operation. Flash program and Erase operations con-
tinue to completion and the reset is extended accordingly. If reset is applied during Program or Erase state, the contents of
memory are not guaranteed (i.e., the program or erase may fail).
After reset, the on-chip flash defaults to Standby state.
When JTAG access to flash is disabled, the Flash interface is reset by all reset events. When the JTAG access to flash is
enabled, the PC87591x is reset, but the Flash interface allows flash access after all of the following have occurred:
●
The core clocks are stable in their default setting.
●
The protection information has been read.
●
Default values have been loaded into the Flash Interface registers.
On exiting from “JTAG Access to Flash” mode, the Flash Interface module is reset again (i.e., protection information is read
and default values loaded into the Flash Interface registers)
Table 33. Control Registers Values per Core Domain Clock
Core Domain
Clock
FLPSLR FLSTART FLTRAN FLPROG FLPERASE
FLSERASE
FLEND FLSEND FLRCV
[MHz]
[hex]
[hex]
[hex]
[hex]
[hex]
[hex]
[hex]
[hex]
[hex]
4
0
14
28
A
9
9
14
32
4
5
0
19
32
C
C
C
19
3E
5
6
0
1E
3C
F
E
E
1E
4B
6
7
0
23
46
11
11
11
23
57
7
8
0
28
50
14
13
13
28
64
8
9
0
2D
5A
16
16
16
2D
70
9
10
1
19
32
C
C
C
19
3E
5
12
1
1E
3C
F
E
E
1E
4B
6
20
3
19
32
C
C
C
19
3E
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com