| Electronic Components Datasheet Search |
|
PC87591L Datasheet(PDF) 140 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591L Datasheet(HTML) 140 Page - National Semiconductor (TI) |
|
140 / 437 page ![]() Embedded Controller Modules (Continued) www.national.com 140 Revision 1.07 Note that TnCNT2 can not operate in the Pulse Accumulate or External Event Counter modes since TBn input is used as a capture input. Selecting either Pulse Accumulate mode or External Event Counter mode for TnCNT2 causes TnCNT2 to stop. Note, however, that all available clock source modes may be selected for TnCNT1. Thus it is possible to use TnCNT1 to determine the number of capture events on TBn or the elapsed time between capture events on TBn. 4.7.4 Timer Interrupts The MFT16 contains a total of four interrupt sources that are mapped to two different system interrupts. All sources have a pending flag associated with them and can be enabled or disabled under software control. The pending flags are TnXPND, where n is the module and X is a letter from A to D. An interrupt enable flag, TnXIEN, is associated with each interrupt pend- ing flag. Interrupt sources A, B or C can generate a timer interrupt 1; interrupt source D can generate a timer interrupt 2. Note that not all interrupt sources are available in all modes. Table 19 shows which events can trigger an interrupt in each mode of operation: Table 19. MFT16 Interrupts System Interrupt Interrupt Pending Flag Mode 1 Mode 2 Mode 3 Mode 4 PWM and Counter Dual Input Capture Dual Independent Timer Input Capture and Timer Timer Int. 1 TnAPND TnCNT1 reload from TnCRA Input capture on TAn transition TnCNT1 reload from TnCRA TnCNT1 reload from TnCRA TnBPND TnCNT1 reload from TnCRB Input Capture on TBn transition N/A Input Capture on TBn transition TnCPND N/A TnCNT1 underflow N/A N/A Tier Int. 2 TnDPND TnCNT2 underflow TnCNT2 underflow TnCNT2 reload from TnCRB TnCNT2 underflow Reload A Timer/Counter 1 Capture B Timer 1 Clock TAn TAIEN TAPND TnCNT1 TnCRA TnCRB Timer Interrupt 1 TATEN Timer/Counter 2 TnCNT2 Timer 2 Clock Underflow TDIEN TDPND Timer Interrupt 2 TBIEN TBPND Timer Interrupt 1 TBn TBEN Preset Figure 50. Mode 4, Input Capture and Timer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |