Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 77 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 77 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
77/154
(4) IDLE determination exclusion under strong signal input
If acquired ED value exceeds [CCA_IGNORE_LVL: B0 0x36] register, IDLE dertermination is not
performed as lon as a given ED value is included in the averaging target range. If average ED value including
this strong ED value indicated in [ED_RSLT: B0 0x39] rehgiser exceeds the CCA threshold value defined by
[CCA_LVL: B0 0x37] register, it is considered as ”BUSY”. And CCA_RSLT[1:0]([CCA_CTRL: B0
0x39(1-0)])=0b01 is set.
If average ED value is smaller than CCA threshold value, IDLE determination is not performed and
CCA_RSLT[1:0] indicates 0b11 ”CCA evaluation on-going (ED value excluding CCA judgement
acquisition)”. CCA will continue until “IDLE” or “BUSY” determination (in case of IDLE detection mode,
“IDLE” is determined. In case of continuous mode, CCA_STOP([CCA_CTRL: B0 0x39(7)]) is issued.)
NOTE:
CCA completion interrupt (INT[18] group3) is generated only when “IDLE” or “BUSY” is determined.
Therefore, if data whose ED value exceeds CCA_IGNORE_LVL are input intermittently, neither “IDLE” or
“BUSY” can be determined and CCA may continues.
[ED value acquisition under extrem strong signal]
ED value (analog)
[CCA_IGNORE_LVL: B0 0x36]
ED value
Shift register
(ED value 8 times
average)
[Time 1]
[Time2]
[Time 3]
[Time 8]
[Time 9]
Averaging target includes
ED value exceeding
CCA_IGNORE_LVL.
In this case “IDLE” is not
determined.
However, if averaging value
exceeds CCA threshold,
“BUSY” is determined.
ED value >CCA_IGNORE_LVL
●
●
●
ED value, which includes CCA_IGNORE_LVL,
is out of averaging target. In this case, “IDLE”
can be determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com