Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
17/154
[RX characteristics]
426MHz Band (315MHz to 450MHz) [ML7344J]
Item
Condition
Min
Typ.
Max
Unit
4.8 kbps, Fdev=3kHz
-
-115
-108
dBm
9.6 kbps, Fdev=3kHz
-
-114
-107
dBm
4.8 kbps, Fdev=3kHz
High Gain Mode
-
-118
-111
dBm
Minimum RX sensitivity
BER<0.1%
9.6 kbps, Fdev=3kHz
High Gain Mode
-
-117
-110
dBm
±12.5 kHz
-
3
-
dB
±25 kHz
30
33
-
dB
Adjacent channel rejection
±50 kHz
-
36
-
dB
1 MHz offset
-
69
-
dB
2 MHz offset
-
72
-
dB
6 MHz offset
-
75
-
dB
10 MHz offset
-
80
-
dB
Blocking (426MHz operation)
-400kHz offset (image
frequency), Ta=25 ºC
After I/Q adjustment
30
40
-
dB
-
-115
-
dBm
Minimum power detection level
RFmin in Figure of
RSSI
characteristics*1
High Gain
Mode
-
-120
-
dBm
-
40
-
dB
Power detection range
Dynamic Range in
Figure of RSSI
characteristics*1
High Gain
Mode
-
35
-
dB
Spurious Emission level
Compliant with FCC, ARIB,
ETSI standard
-
-
-54
dBm
*1. RSSI characteristics as shown follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com