Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 51 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 51 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
51/154
ii) Data input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)]) =0b10.
After TX_ON, DCLK is output during data input period after SyncWord. TX data is input at falling edge of
DCLK through DIO input. Encoded TX data must be transferred from the host. Preamble and SyncWordis
generated automatically according to the registers setting.
NOTE:.
Preamble can be set by PB_PAT([DATA_SET1: B0 0x07(7)] and TXPR_LEN[15:0] ([TXPR_LEN_H/L:B0
0x42/43]).
SyncWord can be set by SYNCWORD_SEL([DATA_SET1: B0 0x08(4)), SYNCWORD_LEN[5:0]
([SYNC_WORD_ LEN: B1 0x25(5-0)]), SYNC_WORD_EN* ([SYNC_WORD_EN: B1 0x26(3-0)]),
SYNC_WORD1[31:0] ([SYNCWORD1_ SET3/2/1/0: B1 0x27/28/29/2A]) and SYNC_WORD2[31:0]
([SYNCWORD2_SET3/2/1/0: B1 0x2B/2C/2D/2E]).
[RX]
i) Continuous output mode (to host)
Set RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)]) =0b01.
After RX_ON(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x6), DCLK is output continuously. RX data
(demodulated data) is output from DIO pin at falling edge of DCLK. RX data is not stored into RX_FIRO.
NOTE: For details of timing, please refer to the “RX” in the “Timing Chart”.
DIO(GPIO0-3,EXT_CLK)
TX_ON
command
TX data
DCLK(GPIO0-3,EXT_CLK)
Preamble
SyncWord
Data-field
TRX_OFF
command
TX_ON
DIO(GPIO0-3,EXT_CLK)
RX_ON
command
RX data
DCLK(GPIO0-3,EXT_CLK)
Preamble
SyncWord
Data-field
TRX_OFF
command
RX_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com