Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 55 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 55 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
55/154
NOTE:
Not to access SPI until TX completion. During packet transmission, if SPI access is attempted by the host, TX
data error can be expected.
[RX]
i) Continuous output mode (to host)
Set RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)])=0b01.
After RX_ON (SET_TRX[3:0]([RF_STATUS: B0 0x0B(3-0)])=0x6) issued, during SCEN is ”H” period,
DCLK is output from SDO pin, RX data is output from SDI pin at falling edge of DCLK. After TRX_OFF
issuing(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x8), DCLK/DIO output will stop. Even if
DCLK/DIO are output, when SCEN becomes “L”, DCLK/DIO will stop. (SPI access has a higher priority)
NOTE:
Not to access SPI until RX completion. During packet transmission, if SPI access is attempted by the host, RX
data error can be expected.
RXON
RX data
SCEN
DIO(SDI)
DCLK(SDO)
RX_ON
command
TRX_OFF
command
Preamble
SyncWord
Data-field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com