Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 89 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 89 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
89/154
●Antenna switching function
(1) Antenna switching function
By using [2DIV_CTRL: B0 0x48], [ANT_CTRL: B0 0x4C], [SPI/EXT_PA_CTRL: B0 0x53] registers,
TX-RX signal selection (TRX_SW), antenna switching signal (ANT_SW) can be controlled.
ML7344 can support both SPDT antena swith control. ANT_SW signal and TRX_SW signal output considion
for each antenna switch are explained below.
ANT_SW, TRX_SW output condition of each Idle, TX, RX state are as follow. (default setting) If
INV_TRX_SW([2DIV_CTRL: B0 0x48(2)])=0b1, polarity of TRX_SW is reversed.
INV_TRX_SW=0b0
(default setting)
INV_TRX_SW=0b1
(polarity reverse)
TX/RX
condition
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
L
L
L
H
Idle state
TX
L
H
L
L
TX state
RX
L
L
L
H
RX state
In the above setting, If INV_ANT_SW([2DIV_CTRL: B0 0x48(3)])=0b1, ANT_CTRL1([2DIV_CTRL: B0
0x48(5)])=0b1 are set, polarity of ANT_SW pin is reversed.
INV_ANT_SW=0b0
ANT_CTRL1=any
(default setting)
INV_ANT_SW=0b1
ANT_CTRL1=0b1
TX/RX
state
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
L
L
H
L
Idle state
TX
L
H
H
H
TX state
RX
L
L
H
L
RX state
(2) Antenna switch forced setting
By [ANT_CTRL: B0 0x4C] register, ANT_SW pin output conditions can be set to fix.
TX: By TX_ANT_EN([ANT_CTRL: B0 0x4C(0)])=0b1, TX_ANT([ANT_CTRL: B0 0x4C(1)]) condition
will be output.
RX: By RX_ANT_EN([ANT_CTRL: B0 0x4C(4)])=0b1, RX_ANT([ANT_CTRL: B0 0x4C(5)]) condition
will be output.
However, output is defined by [GPIIO*_CTRL: B0 0x4E - 0x51] register , [GPIIO*_CTRL:B0 0x4E - 0x51]
registers setting has higer priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com