Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 40 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 40 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
40/154
●Data whitening function (non Wireless M-BUS standard)
ML7344 supports Data whitening function. In packet format A/B, subsequent data followed by C-field can be
processed data whitening. In packet format C, data Whitening is applied from data field. Data generated by the
following 9 bit pseudo random sequence (PN9) will be “XOR” with TX data (encoded data if Manchester or
3-out-of 6 coding is selected) before transmission. Intialization value of the PN9 generation shift register can be
defined by [WHT_INIT_H/L: B1 0x64/65] registers. PN9 polynomial can be programmed with [WHT_CFG:
B1 0x66] register.
Function
Control bit name
Data whitening setting enable
WHT_SET ([DATA_SET2: B0 0x08(0)])
Data whitening initialization value
WHT_INIT[8:0] ([WHT_INIT_H/L: B1 0x64(0)/65(7-0)])
Whitening polynomial
WHT_CFG[7:0] ([WHT_CFG: B1 0x66(7-0)])
In order to make feedback from S1 register, setting 0b1 to WHT_CFG0 ([WHT_CFG: B1 0x66(0)]). Similaly
in order to make feedback from S2 register, setting 0b1 to WHT_CFG1 ([WHT_CFG: B1 0x66(1)]). Other bits
of [WHT_CFG: B1 0x66] register has same function. Two or more bits can be also set to 0b1. Therefore any
type of PN9 polinominal can be programmed.
NOTE:
exclusive OR
Fig.5 Whitening data generation circuits
(generator polynomial: x9 + x5 + 1)
General PN9 polynomial can be defined by WHT_CFG[7:0].
PN9 polynomial
WHT_CFG[7:0]
[WHT_CFG: B1 0x66]
x
9 + x4 + 1
0x08
x
9 + x5 + 1
0x10
S8
S7
S6
S5
S4
S3
S2
S1
S0
Whitening
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com