Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 99 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 99 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
99/154
[In case of PLL unlock interrupt]
PLL lock detection control setting and ML7344 operation after interrupt generation
LSI
state
check timig of
PLL unlock
detection
PLL_LD_EN=0b1
[PLL_LOCK_DETECT:B1 0x0B(7)]
PLL_LD_EN=0b0
[PLL_LOCK_DETECT:B1 0x0B(7)]
TX
PA_ON =”H”
interrupt occurs and TX stops forcibly
interrupt occurs and TX is continued
RX
RX enable =”H”
interrupt occurs and RX is continued
interrupt occurs and RX is continued
[In case of VCO CAL request interrupt]
PLL lock detection control setting and ML7344 operation after interrupt generation
LSI
state
check timig of
PLL unlock
detection
PLL_LD_EN=0b1
[PLL_LOCK_DETECT:B1 0x0B(7)]
PLL_LD_EN=0b0
[PLL_LOCK_DETECT:B1 0x0B(7)]
TX
Rising edge of
PA_ON signal
interrupt occurs and TX stops forcibly
interrupt occurs and TX is continued
RX
Rising edhe of
RX enable signal
interrupt occurs and RX is continued
interrupt occurs and RX is continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com