Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 26 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 26 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
26/154
[Burst Access Mode Timing Chart]
By maintaining SCEN line as “L”, burst access mode will be active. By setting SCEN line to “H”, exiting
from the burst access mode. During burst access mode, address will be automatically incremented.
When SCEN line becomes “H” before Clock for D0 is input, data transaction will be aborted.
NOTE:
If destination is [WR_TX_FIFO:B0 0x7C] or [RD_FIFO:B0 0x7F], address will not be increment. And
continuous FIFO access is possible.
[Write]
SCEN
Write data field
Address field
W
Write data field
A
6
A
0
D
7
D
0
(Register write timing)
Before clock stable
After clock stable
D7-0
D7-0
D7-0
D7-0
“1”
Read data field
SCEN
Address field
R
Read data field
[Read]
A
6
A
0
D
7
D
0
SDO
SDI
SCLK
“0”
Up to 0.45µs
Up to 0.45µs
SCLK
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com