Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 86 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 86 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
86/154
Interrupt notice
Reference point
Timing From reference point to interrupt generation
or interrupt generation timing
INT[8]
RX completion
SyncWord detection
NRZ coding, Full trigger level is set to 0x05
27byte (Length to CRC) * 8bit * 10μs(bit cycle) = 2160μs
INT[9]
CRC error
detection
SyncWord detection
(Format A/B) each RX CRC block calculation completion
(Format C) RX completion
INT[10]
Reserved
-
-
INT[11]
RX Length error
detection
SyncWord detection
80μs (L-field 1byte)
160μs (L-field 2byte)
INT[12]
RX FIFO access
error detection
-
(1)overflow occurs because FIFO read is too slow.
(2)underflow occurs because too many FIFO data is read
INT[13]
SyncWord
detection
-
SyncWord detection
INT[14]
Field check
completion
-
Match or mismatch detected in Field check
INT[15]
Sync error
detection
-
During RX after SyncWord detection, out-of-sync detected.
(When RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)]) =0b00 or
0b11.)
INT[16]
TX completion
TX_ON command
(*1)
RF wake-up+[TX data+3](bit) after
=1406μs+(39byte ×10 +3 )bit * 10μs (bit cycle)=4556μs
INT[17]
TX Data request
accept completion
-
After full length data are written to the TX FIFO.
INT[18]
CCA completion
CCA execution start
(1)Normal mode
(ED value calculation averaging time + IDLE_WAIT setting
[IDLE_WAIT_H/L:B0 0x3B,3C] ) * AD conversion time
(2) IDLE detection mode
○IDLE judgment case
(ED value calculation averaging time + IDLE_WAIT setting
[IDLE_WAIT_H/L:B0 0x3B,3C] ) * AD conversion time
○BUSY judgment case
(ED value calculation averaging time) * AD conversion time
AD conversion time can be changed by ADC_CLK_SEL
([ADC_CLK_SET:B1 0x08(4)] ).
ADC conversion time = 14.8μs at 2.17MHz
18.5μs at 1.73MHz
For details, please refer to the “CCA (Clear Channel
Assessment) function”.
INT[19]
TX Length error
detection
-
After set length value to [TX_PKT_LEN_H/L: B0 0x7A/7B]
register
INT[20]
TX FIFO access
error detection
-
(1) When the next packet data is written to the TX_FIFO before
transmitting previous packet data.
(2) FIFO overflow when writing
(3) FIFO underflow (no data) when transmitting
INT[21]
Reserved
-
(*1) Before issuing TX_ON, writing full-length TX data to the TX_FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com