Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 44 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 44 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
44/154
Check Field
Comparison Code
Conditions for match
C-field
C_FIELD_CODE1 or C_FIELD_CODE2 or
C_FIELD_CODE3 or C_FIELD_CODE4 or
C_FIELD_CODE5
If one of the 5 comparison code is matched
M-field 1
st byte
M_FIELD_CODE1 or M_FIELD_CODE2
If one of the 2 comparison code is matched.
M-field 2
nd byte
M_FIELD_CODE3 or M_FIELD_CODE4
If one of the 2 reference pattern is matched.
A-field
A_FIELD_CODE1/2/3/4/5/6
If comparison codes are matched.
[Format C]
Field check can be controlled by setting disabled/enabled for each comarison code (1 byte). If all specified
Field data (specified table below) are matched, Field checking matching will be notified. However, if 1st byte of
Data field and C_FIELD_CODE5 are matched, even if other Field data(from 2nd byte to 9th byte) are not
matched, Field check result will be notified as ”match”.
Check Field
Comparison Code
Conditions for match
Data-field 1
st byte
C_FIELD_CODE1 or C_FIELD_CODE2 or
C_FIELD_CODE3 or C_FIELD_CODE4 or
C_FIELD_CODE5
If one of the 5 comparison code is matched
Data-field 2
nd byte M_FIELD_CODE1 or M_FIELD_CODE2
If one of the 2 comparison code is matched.
Data-field 3
rd byte M_FIELD_CODE3 or M_FIELD_CODE4
If one of the 2 comparison code is matched.
Data-field 4
th byte
A_FIELD_CODE1
If comparison code is matched.
Data-field 5
th byte
A_FIELD_CODE2
If comparison code is matched.
Data-field 6
th byte
A_FIELD_CODE3
If comparison code is matched.
Data-field 7
th byte
A_FIELD_CODE4
If comparison code is matched.
Data-field 8
th byte
A_FIELD_CODE5
If comparison code is matched.
Data-field 9
th byte
A_FIELD_CODE6
If comparison code is matched.
MSB
Preamble
Sync
Word
L
field
1st Block
Data
field
1
byte
1
byte
10/18/
32bits
Over n*2
bit
1
byte
A1
A2
A3
A4
A5
A6
LSB
M1
M2
M3
M4
C1
C2
C3
C4
C5
···
···
1
byte
1
byte
1
byte
1
byte
1
byte
1
byte
1
byte
C1: [C_FIELD_CODE1: B0 0x1E]
C2: [C_FIELD_CODE2: B0 0x1F]
C3: [C_FIELD_CODE3: B0 0x20]
C4: [C_FIELD_CODE4: B0 0x21]
C5: [C_FIELD_CODE5: B0 0x22]
A1. [A_FIELD_CODE1: B0 0x27]
A2. [A_FIELD_CODE2: B0 0x28]
A3. [A_FIELD_CODE3: B0 0x29]
A4. [A_FIELD_CODE4: B0 0x2A]
A5. [A_FIELD_CODE5: B0 0x2B]
A6. [A_FIELD_CODE6: B0 0x2C]
M1. [M_FIELD_CODE1: B0 0x23]
M2. [M_FIELD_CODE2: B0 0x24]
M3. [M_FIELD_CODE3: B0 0x25]
M4. [M_FIELD_CODE4: B0 0x26]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com