Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 92 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 92 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
92/154
Coarse adjustment 2: PA output gain adjustment
Controlling output power by adjusting PA gain. The typical PA output for PA_ADJ at 10mW is as follows.
10mW
Power [dBm]
[PA_ADJ:
B0 0x69(3-0)]
PA_REG[3:0]
=0
PA_REG[3:0]
=1
PA_REG[3:0]
=2
PA_REG[3:0]
=3
PA_REG[3:0]
=4
PA_REG[3:0]
=5
0
3.8
5.0
5.9
6.3
6.8
7.0
1
4.8
6.2
7.1
7.6
8.2
8.4
2
5.5
6.9
8.0
8.6
9.1
9.5
3
6.1
7.5
8.7
9.4
10.0
10.4
4
6.5
8.0
9.1
9.8
10.5
11.0
5
6.9
8.5
9.6
10.4
11.0
11.5
6
7.2
8.8
9.9
10.8
11.4
12.0
7
7.5
9.1
10.2
11.0
11.8
12.3
8
7.6
9.2
10.3
11.2
11.9
12.4
9
7.8
9.4
10.6
11.4
12.1
12.7
10
8.0
9.6
10.8
11.6
12.5
12.9
11
8.2
9.7
10.9
11.8
12.6
13.1
12
8.3
9.8
11.0
11.9
12.7
13.2
13
8.4
9.9
11.2
12.0
12.8
13.4
14
8.4
10.1
11.3
12.1
13.0
13.5
15
8.6
10.1
11.4
12.3
13.0
13.6
Fine adjustment: PA regulator voltage fine adjustment
Fine tuning output power by adjusting PA regulator voltage. Adjustment step is less than 0.2dB. However,
please set PA regulator voltage to less than [VDD_PA(pin#22) – 0.3V].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com