Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 78 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 78 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
78/154
The following is timing chart for IDLE detemination exclusion under strong signal.
Set ADC_CLK_SEL ([ADC_CLK_SET: B1 0x08(4)]) =0b1. (1.73 MHz)
Set ED_AVG[2:0] ([ED_CTRL: B0 0x41(2-0)])=0b011. (8 times average)
Set IDLE_WAIT[9:0] ([IDLE_WAIT_L/H:B0 0x3C/3B(1-0)])=0b00 0000 0111 (IDLE detection 129.5µs)
[During IDLE_WAIT counting, detected extremly strong signal. After the given signal is out of averaging
target, IDLE detection case]
ED7
INVALID
ED8
ED13 ED14
0x001
0x006
0b11
(on-going)
0x000
ED value>CCA_IGNORE_LVL
detection and reset
Due to extreme strong signal detection,
CCA_RSLT is not indicating IDLE.
CCA_RSLT[1:0]=0b11 do not generate interrupt
ED15
ED21 ED22
0x007
ED29
0b00
(IDLE)
Resume counting due to the extreme
strong signal is out of averaging target.
CCA _RSLT maintains until
IDLE/BUSY detected.
ED VALUE>CCA_IGNORE_LVL
ED value <CCA_IGNORE_LVL
Average ED value<CCA_LEVEL
(If average ED value >CCA_LVL, then BUSY detection)
0b10
(on-going)
ED value
(internal signal)
ED_VALUE[7:0]
[ED_RSLT: B0 0x3A]
CCA_RSLT[1:0]
[CCA_CTRL: B0 0x39(1-0)]
INT[18] (CCA completion)
[INT_SOURCE_GRP3: B0 0x0F(2)]
CCA_PROG[9:0]
[CCA_PROG_L/H:B0 0x3E/3D]
ED value<CCA_IGNORE_LVL
●●●
●●●
●●●
●●●
●●●
●●●
●●●
●●●
●●●
ED
(0-7)
ED
(1-8)
ED
(6-13)
ED
(7-14)
ED
(8-15)
ED
(14-21)
ED
(15-22)
ED
(22-29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com