Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 36 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 36 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
36/154
Extended Link Layer Format
If “CI-field” (1st byte of 2nd Block)=0x8C or 0x8D, Extended Link Layer is applied. The packet format is as
follows:
(1) CI-field = 0x8C
For TX, if 2 bytes extention format is used, set EXT_PKT_MODE[1:0] ([PKT_CTRL1: B0 0x04(7-6)])=0b01.
For RX, if RX_EXTPKT_OFF([PKT_CTRL1: B0 0x04(3)])=0b0, ML7344 recognizes “CI-field” and RX
operation is processed.
*1: 1st Block is identical to normal Format B.
*2: Indicates TX FIFO data storage area size.
*3: Indicates RX FIFO data storage area size.
*4: When RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)])=0b10, indicates DCLK/DIO output area.
Length
MSB
LSB
Preamble
Sync
Word
TX: automatic insertion
RX: automatic detection, deletion
1st Block
(*1)
2nd Block
Optional Block
Postamble
L
field
1
byte
C, M, A
field
9
bytes
CI
field
1
byte
ACC
field
1
byte
CI
field
1
byte
CRC
field
2
bytes
CRC
field
2
bytes
Data
field
Max.112
bytes
Data
field
Max.126
bytes
0/2-8
bits
10/18/
32bits
> n*2(*1)
bits
CRC applicable
CRC applicable
(*2)
(*2)
(*3)
(*4)
[B0 0x07]
[B0 0x42]
[B0 0x43]
[B0 0x08]
[B1 0x25-2E]
[B0 0x05]
[B0 0x7A/7B, 7D/7E]
[B0 0x44]
CC
field
1
byte
Extended
Block
Manchester/3-out-of-6 applicable [B0 0x07(3-2,1-0)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com