Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 85 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 85 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
85/154
(2) Interrupt generation timing
In each interrupt generation, timing from reference point to interrupt generation (notification) are described in
the following table. Timeout procedure for interrupt notification waiting are also described below.
NOTE:
(1)The values are described in units of “bit cycle” in the below table is the value at 100kbps. If using other data
rate, please esitimate with appropriate “bit cycle”.
(2)Below table uses the following format for TX/RX data.
(3)Even if each interrupt notification is masked, in case of interrupt occurence, interrupt elements are stored
internally. Therefore, as soon as interrupt notification is unmasked, interrupt will generate.
Interrupt notice
Reference point
Timing from reference point to interrupt generation
or interrupt generation timing
RESETN release
(upon power-up)
50μs
INT[0]
CLK stabilization
completion
SLEEP release
(recovered from SLEEP)
50μs
INT[1]
VCO calibration
completion
VCO calibration start
230μs
PLL unlock
detection
-
(TX) during TX after PA enable.
(RX) during RX after RX enable.
INT[2]
VCO CAL request
-
(TX) rising edge of PA_ON signal.
(RX) rising edge of RX enable signal.
TX_ON command
(IDLE) 1406μs
(RX) 1188μs
RX_ON command
(IDLE) μs
(TX) 244μs
TRX_OFF command
(TX) 147μs
(RX) 4μs
INT[3]
RF state
transition
completion
Force_TRX_OFF
Command
(TX) 147μs
(RX) 4μs
(TX)
TX_ON command
(*1)
NRZ coding, Empty trigger level is set to 0x02
RF wake-up(1406μs)+ 35 byte (preamble to 22
nd Data byte) *
8bit *10(bit cycle) =4206μs
INT[4]
FIFO-Empty
detection
(RX) -
By FIFO read, remaining FIFO data is under trigger level
(TX) -
By FIFO write, FIFO usage exceed trigger level
INT[5]
FIFO-FULL
detection
(RX)
SyncWord detection
NRZ coding, Full trigger level is set to 0x05
6byte (Length to 5
th Data byte) * 8bit * 10μs(bit cycle) = 480μs
INT[6]
Wake-up timer
completion
SLEEP setting
Wake-up timer is completed.
For details, please refer to “wake-up timer”
INT[7]
Clock calibration
completion
Calibration start
Calibration timer is completed.
For details, please refer to “low speed clock shift detection
function”.
(*1) Before issuing TX_ON, writing full-length TX data to the TX_FIFO.
2 byte
10 byte
1 byte
24 byte
2 byte
Preamble
SyncWord
Length
User data
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com