Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 59 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 59 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
59/154
(1) Interval operation
[RX]
After wake-up, RX_ON state. If continuous operation timer completed before SyncWord detection,
automatically move to SLEEP state. If SyncWord detected, continue RX_ON. After RX completion, conitune
operation defined by RXDONE_MODE[1:0] ([RF_STATUS_CTRL:B0 0x0A(3-2)]).
[TX]
After wake-up, TX_ON state. After TX completion, continue operation defined by TXDONE_MODE[1:0]
([RF_STATUS_CTRL: B0 0x08(1-0)]) .
If continuous operation timer completed, automatically return to SLEEP state. So continuous operation timer
has to be set so that timer completion occur after TX completion.
RXON
TXON
Wake-up timer
Continuous
operation timer
LSI state
RXON
TXON
Wake-up timer
Continuous
operation timer
LSI state
TX completion and move to
IDLE state.
In case of
TXDONE_MODE[1:0]=0b00
Wake-up operation
enables setting
Wake-up timer operation period
[WUT_INTERVAL_H/L: B0 0x2F/0x30)
Continuous operation timer range
[WU_DURATION: B0 0x28]
Continuous operation timer
completion, move to SLEEP state.
SLEEP
TXON
TX data write
to TX_FIFO
SLEEP
IDLE
TXON
SLEEP
IDLE
TXON
Wake-up timer
enable setting
Wake-up timer operation range
[WUT_INTERVAL_H/L: B0 0x2F/0x30]
SLEEP
RXON
Continuous operation timer range
[WU_DURATION: B0 0x31]
Before Continuous
operation timer
completion,
SyncWord detected.
After RX completion, move to
SLEEP state by SLEEP
command.
*1 If not issuing SLEEP
command, continue operation
defined by RXDONE_MDE[1:0]
SLEEP
RXON
SLEEP
RXON
SLEEP
*1
RXON
SLEEP
After Wake-up timer
completion , move to
RX_ON state.
Continuous operation
timer completion
move to SLEEP state.
[SLEEPWU_SET: B0 0x2D(6-4)]=0b011
[SLEEP/WU_SET: B0 0x2D(6-4)]=0b111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com