Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 93 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 93 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
93/154
PA_REG_FINE_ADJ[4:0]
[PA_REG_FINE_ADJ:B0 0x68]
PA regulator
Voltage [V]
0b0_0000
89.5%
0b0_0001
90.1%
0b0_0010
90.7%
0b0_0011
91.3%
0b0_0100
91.9%
0b0_0101
92.5%
0b0_0110
93.2%
0b0_0111
93.8%
0b0_1000
94.4%
0b0_1001
95.1%
0b0_1010
95.8%
0b0_1011
96.5%
0b0_1100
97.1%
0b0_1101
97.8%
0b0_1110
98.6%
0b0_1111
99.3%
0b1_0000
100.0%
0b1_0001
100.7%
0b1_0010
101.5%
0b1_0011
102.3%
0b1_0100
103.0%
0b1_0101
103.8%
0b1_0110
104.6%
0b1_0111
105.4%
0b1_1000
106.3%
0b1_1001
107.1%
0b1_1010
107.9%
0b1_1011
108.8%
0b1_1100
109.7%
0b1_1101
110.6%
0b1_1110
111.5%
0b1_1111
112.4%
NOTE:
In order to achieve the most optimized result, Matching circuits may vary depending on the output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com