Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 106 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 106 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
106/154
●Mode F
Register
Parameter
Name
Address
Setting
Value
TXFREQ_I
B1 0x1B
0x10
TXFREQ_FH
B1 0x1C
0x0A
TXFREQ_FM
B1 0x1D
0xF7
TX frequency
TXFREQ_FL
B1 0x1E
0x55
RXFREQ_I
B1 0x1F
0x10
RXFREQ_FH
B1 0x20
0x0A
RXFREQ_FM
B1 0x21
0xF7
RX frequency
RXFREQ_FL
B1 0x22
0x55
CH_SPACE_H
B1 0x23
-
Channel space
CH_SPACE_L
B1 0x24
-
PLL frequency division
PLL_DIV_SET
B1 0x1A
0x00
Data rate
DRATE_SET
B0 0x06
0x11
DATA_SET1
B0 0x07
0x00
TX\RX data configulation
DATA_SET2
B0 0x08
0x00
GFSK_DEV_H
B1 0x30
-
Frequency deviation (GFSK)
GFSK_DEV_L
B1 0x31
-
FSK_DEV0_H/GFIL0
B1 0x32
0x00
FSK_DEV0_L/GFIL1
B1 0x33
0x44
FSK_DEV1_H/GFIL2
B1 0x34
0x00
FSK_DEV1_L/GFIL3
B1 0x35
0x82
FSK_DEV2_H/GFIL4
B1 0x36
0x00
FSK_DEV2_L/GFIL5
B1 0x37
0xB3
FSK_DEV3_H/GFIL6
B1 0x38
0x00
FSK_DEV3_L
B1 0x39
0xD2
FSK_DEV4_H
B1 0x3A
0x00
Frequency deviation (FSK)
FSK_DEV4_L
B1 0x3B
0xD0
FSK_TIM_ADJ0
B1 0x3C
0x7F
FSK_TIM_ADJ1
B1 0x3D
0x7F
FSK_TIM_ADJ2
B1 0x3E
0x7F
FSK_TIM_ADJ3
B1 0x3F
0x7F
Frequency deviation time
FSK_TIM_ADJ4
B1 0x40
0x7f
TXPR_LEN_H
B0 0x42
0x00
Preamble length
TXPR_LEN_L
B0 0x43
0x27
SyncWord length
SYNC_WORD_LEN
B1 0x25
0x10
SYNC_WORD1_SET0
B1 0x27
0x00
SYNC_WORD1_SET1
B1 0x28
0x00
SYNC_WORD1_SET2
B1 0x29
0xF6
SyncWord pattern 1
SYNC_WORD1_SET3
B1 0x2A
0x8D
SYNC_WORD2_SET0
B1 0x2B
0x00
SYNC_WORD2_SET1
B1 0x2C
0x00
SYNC_WORD2_SET2
B1 0x2D
0xF6
SyncWord pattern 2
SYNC_WORD2_SET3
B1 0x2E
0x72
Postamble setting
POSTAMBLE_SET
B0 0x44
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com