Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 122 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 122 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 121Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 122Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 123Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 124Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 125Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 126Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
122/154
NOTE:
If setting “FAST_TX_EB=0b1” or “AUTO_TX_EN=0b1 or “RXDONE_MODE[1:0]=0b01 (move to TX
state)” at the [RF_STATUS:CTRL:B0 0x0A] register, moving to TX_ON state automatically after RX
completion in above flowchart.
Even if CRC error occurs, moving to TX_ON state. Since CRC errors interrupt (INT[9] group2) and RX
completion interrupt (INT[8] group2) occur almost same timeing, Therefore in case of CRC error interrupt
occurs, Force_TRX_OFF should be issued by [RF_STATUS:B0 0x0B] register withing the transition time from
RX state to TX state(1.188msec), and clear TX FIFO pointer by [STATE_CLR:B0 0x16] register. When it is
hard to issue Force_TRX_OFF during the trasition time due to MCU performance, “FAST_TX”, “AUTO_TX”
and “move to TX state after RX completion” should be disabled. (In “FAST_TX”, trnasmitting conditoin
depends on [TXFIFO_THRL:B0 0x18] register.)
(5) Field check transmission
After enabling Filedcheck functions, issuing RX_ON by [RF_STATUS:B0 0x0B] register. According to the
setting of CA_INT_CTRL([C_CHECK_CTRL:B0 0x1B(6)]), filed checking result (match or no match) can be
notified by the INT[14](group2: Field checking interrupt). Numbers of unmatched packets can be counted and
stored into [ADDR_CHK_CTR_H/L: B1 0x62/0x63]) registers. This counter can be cleared by STATE_CLR4
[STATE_CLR: B0 0x16(4)](Address check counter clear).
START
RX_ON issue
[RF_STATUS] B0 0x0B]
Field check setting *1
RX flow
Yes
No
Read RX data?
No
Field checking compete (INT[14])?
[INT_SOURCE_GRP2] B0 0x0E(6)]
Yes
INT[14] clear
[INT SOURCE GRP2: B0
Yes
INT GRP2 clear *2
[INT_SOURCE_GRP2: B0 0x0E]
*1 C-field/M-field/A-field check can be possible with
the setting below.
[C_CHECK_CTRL: B0 0x1B]
[M_CHECK_CTRL: B0 0x1C]
[A_CHECK_CTRL: B0 0x1D]
[C_FIELD_WORD1-5: B0 0x1E-0x22]
[M_FIELD_WORD1-4: B0 0x21-0x26]
[A_FIELD_WORD1-6: B0 0x27-0x2C]
No
Yes
RX completion (INT[8])?
[INT_SOURCE_GRP2] B0 0x0E(0)]
*2 Clear all remaining interrupt
in the group 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com