Electronic Components Datasheet Search
  English  ▼

X  

ML7396AB Datasheet(PDF) 93 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 93 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
FEDL
ML
7396A/B/E-07
7396A/B/E
93/140
●RX mode (DIO mode)
DIO (RX) mode can be selected by setting DIO_EN ([PLL_MON/DIO_SEL:B0 0x69(1)]) =0b1 and RX_FIFO_MON
([PLL_MON/DIO_SEL:B0 0x69(1)]) =0b1. In DIO (RX) mode, when issuing RX_ON command, preamble and SFD
detection will be started. After preamble and SFD are detected, RX data is output through DIO pin (#15). RX Data following
SFD field are output and RX data should be read at rising edge of DCLK from DCLK pin (#16). After RX completion,
TRX_OFF commnand should be issued.
Like packet mode, preamble and SFD detection are done according to the settings of [PREAMBLE_SET:B0 0x39],
[SFD1_SET1:B0 0x3A] to [SFD1_SET4:B0 0x3D], [RX_PR_LEN/SFD_LEN:B0 0x43] and [SYNC_CONDITION:B0 0x44]
registers.After SFD is deteceted, SFD detection interrupt (INT[11] group2) will generate.
The first RX data is output at the first rising edge of DCLK after SFD detection interrupt notification.(Timing from SFD
detection interrupt to the first DCLK rising edge is 9μs at 100kbps setting.)
START
Set DIO_EN =0b1
RX_FIFO_MON =0b1
[PLL_MON/DIO_SEL:B0 0x69(1,0)]
Detect condition setting
* Like packet mode, detect pattern should be
set to ([PREAMBLE_SET:B0 0x39] and
[SFD_SET1-4:B0 0x3A-3D] registers.
[PREAMBLE_SET:B0 0x39]
[SFD1_SET1-4:B0 0x3A-3D]
[RX_PR_LEN/SFD_LEN:B0 0x43]
[SYNC_CONDITION:B0 0x44]
Note: Different from DIO (TX) mode setting.
RX_ON issue
[RF_STATUS:B0 0x6C]
END
No
Yes
Yes
No
DCLK output?
* Afetr entering RX_ON state, DCLK will be
output regardless of RX data.
[DCLK pin (#16)]
Read RX data
* RX data should be read at rising edge of
DCLK.
[DIO pin (#15)]
TX completion?
TRX_OFF issue
[RF_STATUS:B0 0x6C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com